Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8101E-GR Datasheet(PDF) 10 Page - Realtek Semiconductor Corp.

Part # RTL8101E-GR
Description  INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8101E-GR Datasheet(HTML) 10 Page - Realtek Semiconductor Corp.

Back Button RTL8101E-GR_06 Datasheet HTML 6Page - Realtek Semiconductor Corp. RTL8101E-GR_06 Datasheet HTML 7Page - Realtek Semiconductor Corp. RTL8101E-GR_06 Datasheet HTML 8Page - Realtek Semiconductor Corp. RTL8101E-GR_06 Datasheet HTML 9Page - Realtek Semiconductor Corp. RTL8101E-GR_06 Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8101E-GR_06 Datasheet HTML 11Page - Realtek Semiconductor Corp. RTL8101E-GR_06 Datasheet HTML 12Page - Realtek Semiconductor Corp. RTL8101E-GR_06 Datasheet HTML 13Page - Realtek Semiconductor Corp. RTL8101E-GR_06 Datasheet HTML 14Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
RTL8101E-GR
Datasheet
Integrated Fast Ethernet Controller for PCI Express
5
Track ID: JATR-1076-21
Rev. 1.2
5.4. Transceiver Interface
Table 4.
Transceiver Interface
Symbol
Type
Pin No
Description
MDIP0
I/O
3
MDIN0
I/O
4
In MDI mode, this pair acts as the BI_DA+/- pair, and is the transmit pair in
10Base-T and 100Base-TX.
In MDI crossover mode, this pair acts as the BI_DB+/- pair, and is the receive
pair in 10Base-T and 100Base-TX.
MDIP1
I/O
6
MDIN1
I/O
7
In MDI mode, this pair acts as the BI_DB+/- pair, and is the receive pair in
10Base-T and 100Base-TX.
In MDI crossover mode, this pair acts as the BI_DA+/- pair, and is the transmit
pair in 10Base-T and 100Base-TX.
5.5. Clock
Table 5.
Clock
Symbol
Type
Pin No
Description
CKTAL1
I
60
Input of 25MHz clock reference.
CKTAL2
O
61
Output of 25MHz clock reference.
5.6. Reference
Table 6.
Reference
Symbol
Type
Pin No
Description
RSET
I
64
Reference. External resistor reference.
5.7. LEDs
Table 7.
LEDs
Symbol
Type
Pin No
Description
LED0
O
57
LED1
O
56
LED2
O
55
LED3
O
54
LEDS1-0
00
01
10
11
LED0
Tx/Rx
LINK10/ACT
Tx
LINK10/ACT
LED1
LINK100
LINK100/ACT
LINK
LINK100/ACT
LED2
LINK10
FULL
Rx
FULL
LED3
NA
NA
FULL
NA
Note 1: During power down mode, the LED signals are logic high.
Note 2: LEDS1-0’s initial value comes from the 93C46. If there is no 93C46, the
default value of the (LEDS1, LEDS0) = (1, 1).


Similar Part No. - RTL8101E-GR_06

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101E-GR REALTEK-RTL8101E-GR Datasheet
563Kb / 28P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
More results

Similar Description - RTL8101E-GR_06

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8100E REALTEK-RTL8100E Datasheet
532Kb / 28P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8101E-GR REALTEK-RTL8101E-GR Datasheet
563Kb / 28P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8102E-GR REALTEK-RTL8102E-GR Datasheet
588Kb / 41P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
logo
Richtek Technology Corp...
RTL8111E-VB-GR RICHTEK-RTL8111E-VB-GR Datasheet
592Kb / 39P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
Rev. 1.5 22 July 2010
logo
Realtek Semiconductor C...
RTL8111D-GR REALTEK-RTL8111D-GR Datasheet
1Mb / 45P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8111F-CG REALTEK-RTL8111F-CG Datasheet
595Kb / 37P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8111B-GR REALTEK-RTL8111B-GR Datasheet
539Kb / 29P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111C-GR REALTEK-RTL8111C-GR Datasheet
578Kb / 42P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111B REALTEK-RTL8111B Datasheet
647Kb / 75P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
logo
List of Unclassifed Man...
RTL8168 ETC1-RTL8168 Datasheet
9Mb / 32P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS TM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com