Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC094N03S Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSC094N03S
Description  OptiMOS2 Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC094N03S Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSC094N03S Datasheet HTML 1Page - Infineon Technologies AG BSC094N03S Datasheet HTML 2Page - Infineon Technologies AG BSC094N03S Datasheet HTML 3Page - Infineon Technologies AG BSC094N03S Datasheet HTML 4Page - Infineon Technologies AG BSC094N03S Datasheet HTML 5Page - Infineon Technologies AG BSC094N03S Datasheet HTML 6Page - Infineon Technologies AG BSC094N03S Datasheet HTML 7Page - Infineon Technologies AG BSC094N03S Datasheet HTML 8Page - Infineon Technologies AG BSC094N03S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BSC094N03S G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
1350
1800
pF
Output capacitance
C oss
-
480
640
Reverse transfer capacitance
Crss
-64
96
Turn-on delay time
t d(on)
-
4.5
6.8
ns
Rise time
t r
-
3.8
5.7
Turn-off delay time
t d(off)
-18
27
Fall time
t f
-
3.0
4.5
Gate Charge Characteristics
3)
Gate to source charge
Q gs
-
4.3
5.7
nC
Gate charge at threshold
Q g(th)
-
2.2
2.9
Gate to drain charge
Q gd
-
2.8
4.2
Switching charge
Q sw
-
4.9
7.0
Gate charge total
Q g
-10
14
Gate plateau voltage
V plateau
-
3.2
-
V
Gate charge total, sync. FET
Q g(sync)
V DS=0.1 V,
V GS=0 to 5 V
-
9
12
nC
Output charge
Q oss
V DD=15 V, V GS=0 V
-11
14
Reverse Diode
Diode continous forward current
I S
-
-
35
A
Diode pulse current
I S,pulse
-
-
140
Diode forward voltage
V SD
V GS=0 V, I F=35 A,
T j=25 °C
-
0.93
1.2
V
Reverse recovery charge
Q rr
V R=15 V, I F=I S,
di F/dt =400 A/µs
-
-
10
nC
3) See figure 16 for gate charge parameter definition
T C=25 °C
Values
V GS=0 V, V DS=15 V,
f =1 MHz
V DD=15 V, V GS=10 V,
I D=17.5 A, R G=2.7 Ω
V DD=15 V, I D=17.5 A,
V GS=0 to 5 V
Rev. 1.01
page 3
2004-12-15


Similar Part No. - BSC094N03S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC094N03SG INFINEON-BSC094N03SG Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-03
BSC094N03SG INFINEON-BSC094N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-03
More results

Similar Description - BSC094N03S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO200N03S INFINEON-BSO200N03S Datasheet
238Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO150N03 INFINEON-BSO150N03 Datasheet
224Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
IPD05N03LB INFINEON-IPD05N03LB Datasheet
304Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-12-16
BSC032N03S INFINEON-BSC032N03S Datasheet
301Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-04-13
BSO094N03S INFINEON-BSO094N03S Datasheet
237Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO350N03 INFINEON-BSO350N03 Datasheet
225Kb / 9P
   OptiMOS2 Power-Transistor
2004-02-09
IPD10N03LA INFINEON-IPD10N03LA Datasheet
412Kb / 11P
   OptiMOS2 Power-Transistor
Rev. 1.3 2004-05-19
IPP05CN10LG INFINEON-IPP05CN10LG Datasheet
329Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.02 2008-10-31
IPP03N03LBG INFINEON-IPP03N03LBG_08 Datasheet
275Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 0.95 2008-05-06
IPP12CN10LG INFINEON-IPP12CN10LG Datasheet
778Kb / 10P
   OptiMOS2 Power-Transistor
2008-07-15 revision:1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com