Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8201N-GR_07 Datasheet(PDF) 9 Page - Realtek Semiconductor Corp.

Part # RTL8201N-GR_07
Description  SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8201N-GR_07 Datasheet(HTML) 9 Page - Realtek Semiconductor Corp.

Back Button RTL8201N-GR_07_09 Datasheet HTML 5Page - Realtek Semiconductor Corp. RTL8201N-GR_07_09 Datasheet HTML 6Page - Realtek Semiconductor Corp. RTL8201N-GR_07_09 Datasheet HTML 7Page - Realtek Semiconductor Corp. RTL8201N-GR_07_09 Datasheet HTML 8Page - Realtek Semiconductor Corp. RTL8201N-GR_07_09 Datasheet HTML 9Page - Realtek Semiconductor Corp. RTL8201N-GR_07_09 Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8201N-GR_07_09 Datasheet HTML 11Page - Realtek Semiconductor Corp. RTL8201N-GR_07_09 Datasheet HTML 12Page - Realtek Semiconductor Corp. RTL8201N-GR_07_09 Datasheet HTML 13Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
RTL8201N &RTL8201R
Datasheet
Single-Chip/Port 10/100 Fast Ethernet PHYceiver
with Auto MDIX
2
Track ID: JATR-1076-21 Rev. 1.3
2.
Features
The Realtek RTL8201N & RTL8201R are Fast Ethernet PHYceivers with selectable MII, RMII, or SNI
interfaces to the MAC chip. They provide the following features:
RTL8201N-GR supports MII, RMII, and
7-wire SNI
RTL8201R-GR supports RMII mode only
Supports 50MHz output for RMII mode
(RTL8201R only)
10/100Mbps operation
Full/half duplex operation
Twisted pair or fiber mode output
Auto-Negotiation
Supports power down mode
Supports operation under Link Down Power
Saving mode
Supports Base Line Wander (BLW)
compensation
Supports auto MDIX
Supports repeater mode
Adaptive Equalization
Network status LEDs
Flow control support
25MHz crystal/oscillator as clock source
IEEE 802.3/802.3u compliant
Supports IEEE 802.3u clause 28; 1.5V
operation with 3.3V IO signal tolerance
Low power supply, 1.5V, 1.8V, and 3.3V;
1.5V/1.8V is generated by an internal
regulator
0.15µm CMOS process
64-pin (RTL8201N) or 32-pin (RTL8201R)
QFN packages
3.
Applications
Network Interface Adapter
MAU (Media Access Unit)
CNR (Communication and Network Riser)
ACR (Advanced Communication Riser)
Ethernet hub
Ethernet switch
In addition, it can be used in any embedded system with an Ethernet MAC that needs a UTP physical
connection or Fiber PECL interface to an external 100Base-FX optical transceiver module.


Similar Part No. - RTL8201N-GR_07_09

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
More results

Similar Description - RTL8201N-GR_07_09

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201DL-GR REALTEK-RTL8201DL-GR_07 Datasheet
616Kb / 41P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
logo
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
logo
Realtek Semiconductor C...
RTL8201CL REALTEK-RTL8201CL Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
RTL8201F-VB-CG REALTEK-RTL8201F-VB-CG Datasheet
908Kb / 66P
   SINGLE-CHIP/PORT 10/100M ETHERNET PHYCEIVER
logo
SMSC Corporation
LAN9218 SMSC-LAN9218 Datasheet
1Mb / 130P
   High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9218 SMSC-LAN9218_07 Datasheet
1Mb / 133P
   High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com