Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12F635E/STQTP Datasheet(PDF) 147 Page - Microchip Technology

Part # PIC12F635E/STQTP
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635E/STQTP Datasheet(HTML) 147 Page - Microchip Technology

Back Button PIC12F635E/STQTP Datasheet HTML 143Page - Microchip Technology PIC12F635E/STQTP Datasheet HTML 144Page - Microchip Technology PIC12F635E/STQTP Datasheet HTML 145Page - Microchip Technology PIC12F635E/STQTP Datasheet HTML 146Page - Microchip Technology PIC12F635E/STQTP Datasheet HTML 147Page - Microchip Technology PIC12F635E/STQTP Datasheet HTML 148Page - Microchip Technology PIC12F635E/STQTP Datasheet HTML 149Page - Microchip Technology PIC12F635E/STQTP Datasheet HTML 150Page - Microchip Technology PIC12F635E/STQTP Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 145
PIC12F635/PIC16F636/639
14.20 PICDEM 17 Demonstration Board
The PICDEM 17 demonstration board is an evaluation
board that demonstrates the capabilities of several
Microchip
microcontrollers,
including
PIC17C752,
PIC17C756A,
PIC17C762
and
PIC17C766.
A
programmed sample is included. The PRO MATE II
device
programmer,
or
the
PICSTART
Plus
development programmer, can be used to reprogram
the device for user tailored application development.
The PICDEM 17 demonstration board supports
program download and execution from external on-
board Flash memory. A generous prototype area is
available for user hardware expansion.
14.21 PICDEM 18R PIC18C601/801
Demonstration Board
The PICDEM 18R demonstration board serves to assist
development of the PIC18C601/801 family of Microchip
microcontrollers. It provides hardware implementation
of both 8-bit Multiplexed/Demultiplexed and 16-bit
Memory modes. The board includes 2 Mb external
Flash memory and 128 Kb SRAM memory, as well as
serial EEPROM, allowing access to the wide range of
memory types supported by the PIC18C601/801.
14.22 PICDEM LIN PIC16C43X
Demonstration Board
The powerful LIN hardware and software kit includes a
series of boards and three PICmicro microcontrollers.
The small footprint PIC16C432 and PIC16C433 are
used as slaves in the LIN communication and feature
on-board LIN
transceivers. A PIC16F874 Flash
microcontroller serves as the master. All three
microcontrollers are programmed with firmware to
provide LIN bus communication.
14.23 PICkitTM 1 Flash Starter Kit
A complete “development system in a box”, the PICkit
Flash Starter Kit includes a convenient multi-section
board for programming, evaluation and development of
8/14-pin Flash PIC® microcontrollers. Powered via
USB, the board operates under a simple Windows GUI.
The PICkit 1 Starter Kit includes the User’s Guide (on
CD ROM), PICkit 1 tutorial software and code for
various applications. Also included are MPLAB® IDE
(Integrated
Development
Environment)
software,
software and hardware “Tips 'n Tricks for 8-pin Flash
PIC® Microcontrollers” Handbook and a USB interface
cable. Supports
all current 8/14-pin Flash PIC
microcontrollers, as well as many future planned
devices.
14.24 PICDEM USB PIC16C7X5
Demonstration Board
The PICDEM USB Demonstration Board shows off the
capabilities of the PIC16C745 and PIC16C765 USB
microcontrollers. This board provides the basis for
future USB products.
14.25 Evaluation and
Programming Tools
In addition to the PICDEM series of circuits, Microchip
has a line of evaluation kits and demonstration software
for these products.
•KEELOQ evaluation and programming tools for
Microchip’s HCS Secure Data Products
• CAN developers kit for automotive network
applications
• Analog design boards and filter design software
• PowerSmart battery charging evaluation/
calibration kits
•IrDA® development kit
• microID development and rfLabTM development
software
• SEEVAL® designer kit for memory evaluation and
endurance calculations
• PICDEM MSC demo boards for Switching mode
power supply, high-power IR driver, delta sigma
ADC and flow rate sensor
Check the Microchip web page and the latest Product
Selector Guide for the complete list of demonstration
and evaluation kits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com