Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3904 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 2N3904
Description  General Purpose Transistors(NPN Silicon)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3904 Datasheet(HTML) 5 Page - ON Semiconductor

  2N3904 Datasheet HTML 1Page - ON Semiconductor 2N3904 Datasheet HTML 2Page - ON Semiconductor 2N3904 Datasheet HTML 3Page - ON Semiconductor 2N3904 Datasheet HTML 4Page - ON Semiconductor 2N3904 Datasheet HTML 5Page - ON Semiconductor 2N3904 Datasheet HTML 6Page - ON Semiconductor 2N3904 Datasheet HTML 7Page - ON Semiconductor 2N3904 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2N3903, 2N3904
http://onsemi.com
5
h PARAMETERS
(VCE = 10 Vdc, f = 1.0 kHz, TA = 25°C)
Figure 11. Current Gain
IC, COLLECTOR CURRENT (mA)
70
100
200
300
50
Figure 12. Output Admittance
IC, COLLECTOR CURRENT (mA)
Figure 13. Input Impedance
IC, COLLECTOR CURRENT (mA)
Figure 14. Voltage Feedback Ratio
IC, COLLECTOR CURRENT (mA)
30
100
50
5
10
20
2.0
3.0
5.0
7.0
10
1.0
0.1
0.2
1.0
2.0
5.0
0.5
10
0.3
0.5
3.0
0.7
2.0
5.0
10
20
1.0
0.2
0.5
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
2
1
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0


Similar Part No. - 2N3904

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904 Datasheet
45Kb / 8P
NPN switching transistor
1999 Apr 23
logo
Transys Electronics
2N3904 TRSYS-2N3904 Datasheet
32Kb / 2P
NPN SIMALL SIGNAL TRANSISTOR
logo
Rohm
2N3904 ROHM-2N3904 Datasheet
90Kb / 4P
NPN General Purpose Transistor
logo
Seme LAB
2N3904 SEME-LAB-2N3904 Datasheet
16Kb / 2P
GENERAL PURPOSE NPN TRANSISTOR FOR HIGH RELIABILITY APPLICATIONS
logo
Semtech Corporation
2N3904 SEMTECH-2N3904 Datasheet
166Kb / 3P
NPN Silicon Expitaxial Planar Transistor for switching and amplifier applications
More results

Similar Description - 2N3904

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
General Purpose Transistors(NPN Silicon)
1996 REV 1
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
General Purpose Transistors(NPN Silicon)
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
General Purpose Transistors NPN Silicon
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com