Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8189EM Datasheet(PDF) 7 Page - Realtek Semiconductor Corp.

Part # RTL8189EM
Description  SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN With SDIO INTERFACE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8189EM Datasheet(HTML) 7 Page - Realtek Semiconductor Corp.

Back Button RTL8189EM Datasheet HTML 3Page - Realtek Semiconductor Corp. RTL8189EM Datasheet HTML 4Page - Realtek Semiconductor Corp. RTL8189EM Datasheet HTML 5Page - Realtek Semiconductor Corp. RTL8189EM Datasheet HTML 6Page - Realtek Semiconductor Corp. RTL8189EM Datasheet HTML 7Page - Realtek Semiconductor Corp. RTL8189EM Datasheet HTML 8Page - Realtek Semiconductor Corp. RTL8189EM Datasheet HTML 9Page - Realtek Semiconductor Corp. RTL8189EM Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8189EM Datasheet HTML 11Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
RTL8189EM
Datasheet
Single-Chip IEEE 802.11b/g/n 1T1R WLAN Controller
with SDIO Interface
3
Track ID: JATR- Rev. 0.1
2. Features
General
 32-pin QFN
 CMOS MAC, Baseband PHY, and RF in a
single chip for 802.11b/g/n compatible
WLAN
 Complete 802.11n solution for 2.4GHz
band
 72.2Mbps receive PHY rate and 72.2Mbps
transmit PHY rate using 20MHz bandwidth
 150Mbps receive PHY rate and 150Mbps
transmit PHY rate using 40MHz bandwidth
 Compatible with 802.11n specification
 Backward compatible with 802.11b/g
devices while operating in 802.11n mode
Host Interface
 Complies with SDIO 1.1/ 2.0 for WLAN
with clock rate up to 50MHz
 GSPI interface for configurable endian for
WLAN
Standards Supported
 IEEE 802.11b/g/n compatible WLAN
 IEEE 802.11e QoS Enhancement (WMM)
 802.11i (WPA, WPA2). Open, shared key,
and pair-wise key authentication services
WLAN MAC Features
 Frame aggregation for increased MAC
efficiency (A-MSDU, A-MPDU)
 Low latency immediate High-Throughput
Block Acknowledgement (HT-BA)
 PHY-level spoofing to enhance legacy
compatibility
 Power saving mechanism
 Channel management and co-existence
 Transmit Opportunity (TXOP) Short
Inter-Frame Space (SIFS) bursting for
higher multimedia bandwidth
 Support Scan and Preferred Network
Offload
WLAN PHY Features
 IEEE 802.11n OFDM
 One Transmit and one Receive path (1T1R)
 20MHz and 40MHz bandwidth
transmission
 Short Guard Interval (400ns)
 DSSS with DBPSK and DQPSK, CCK
modulation with long and short preamble
 OFDM with BPSK, QPSK, 16QAM, and
64QAM modulation.
Convolutional Coding Rate: 1/2, 2/3, 3/4,
and 5/6
 Maximum data rate 54Mbps in 802.11g and
150Mbps in 802.11n


Similar Part No. - RTL8189EM

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RTL8189ETV RICHTEK-RTL8189ETV Datasheet
647Kb / 23P
SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN With SDIO INTERFACE
More results

Similar Description - RTL8189EM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC4550 STMICROELECTRONICS-STLC4550 Datasheet
147Kb / 5P
Single chip 802.11b/g WLAN radio
STLC4560 STMICROELECTRONICS-STLC4560 Datasheet
105Kb / 8P
Single chip 802.11b/g WLAN radio
logo
Cypress Semiconductor
BCM43143KMLG CYPRESS-BCM43143KMLG Datasheet
1Mb / 58P
Single-Chip IEEE 802.11b/g/n MAC/PHY/Radio with USB/SDIO Host Interface
BCM43143KMLGT CYPRESS-BCM43143KMLGT Datasheet
1Mb / 58P
Single-Chip IEEE 802.11b/g/n MAC/PHY/Radio with USB/SDIO Host Interface
logo
Realtek Semiconductor C...
RTL8192CE-GR REALTEK-RTL8192CE-GR Datasheet
269Kb / 18P
SINGLE-CHIP IEEE 802.11b/g/n 2T2R WLAN CONTROLLER w/PCI EXPRESS INTERFACE
logo
Richtek Technology Corp...
RTL8189ETV RICHTEK-RTL8189ETV Datasheet
647Kb / 23P
SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN With SDIO INTERFACE
logo
Realtek Semiconductor C...
RTL8188ER-CG REALTEK-RTL8188ER-CG Datasheet
569Kb / 20P
SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
RTL8188ETV REALTEK-RTL8188ETV Datasheet
393Kb / 20P
SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
logo
List of Unclassifed Man...
RT5390 ETC1-RT5390 Datasheet
2Mb / 36P
802.11b/g/n 1T1R WLAN Mini Card
logo
Realtek Semiconductor C...
RTL8191SE REALTEK-RTL8191SE Datasheet
288Kb / 16P
SINGLE-CHIP IEEE 802.11b/g/n WLAN CONTROLLER with PCI EXPRESSTM INTERFACE
Rev. 0.4 Nov 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com