Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTC2003 Datasheet(PDF) 3 Page - Hangzhou Youwang Electronics Co., Ltd

Part # UTC2003
Description  CAR RADIO AUDIO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOUWANG [Hangzhou Youwang Electronics Co., Ltd]
Direct Link  http://www.youwang.com.cn/
Logo YOUWANG - Hangzhou Youwang Electronics Co., Ltd

UTC2003 Datasheet(HTML) 3 Page - Hangzhou Youwang Electronics Co., Ltd

  UTC2003 Datasheet HTML 1Page - Hangzhou Youwang Electronics Co., Ltd UTC2003 Datasheet HTML 2Page - Hangzhou Youwang Electronics Co., Ltd UTC2003 Datasheet HTML 3Page - Hangzhou Youwang Electronics Co., Ltd UTC2003 Datasheet HTML 4Page - Hangzhou Youwang Electronics Co., Ltd UTC2003 Datasheet HTML 5Page - Hangzhou Youwang Electronics Co., Ltd UTC2003 Datasheet HTML 6Page - Hangzhou Youwang Electronics Co., Ltd UTC2003 Datasheet HTML 7Page - Hangzhou Youwang Electronics Co., Ltd UTC2003 Datasheet HTML 8Page - Hangzhou Youwang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UTC2003
LINEAR INTEGRATED CIRCUIT
YOUWANG ELECTRONICS CO.LTD
3
UTC2003
1
2
3
5
4
Vi
RL
1000
μF
470
μF
R1
220
Ω
R2
2.2
Ω
V
mA
+Vs
100nF
DC Test Circuit
UTC2003
1
2
3
5
4
Vi
+Vs
C1
1
μF
Cx
39nF
C3
100nF
R3
1
Ω
RL
Rx
39
Ω
C4
1000
μF
C2
470
μF
R1
220
Ω
R2
2.2
Ω
Rx=20*R2
Cx=1/(2p B*R1)
100
μF
AC Test Circuit
ELECTRICAL CHARACTERISTICS(Refer to the test circuit, Vs=14.4V,Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
Supply Voltage
Vs
8
18
V
Quiescent Output
Voltage
Vo
6.1
6.9
7.7
V
Quiescent drain
current
Id
44
50
mA
AC CHARACTERISTICS
d=10%,f=1kHz
RL=4
5.5
6
Output power
Po
RL=2
9
10
W
RL=3.2
7.5
RL=1.6
12
f=1kHz
Po=0.5W,RL=4
14
mV
Input sensitivity
Vi
Po=6W,RL=4
55
mV
Po=0.5W,RL=2
10
mV
Po=10W,RL=2
50
mV
Input saturation
voltage
Vi(rms)
300
mV
Frequency
response(-3dB)
B
Po=1W,RL=4
40
15000
Hz
f=1kHz
Distortion
D
Po=0.05 to 4.5W ,RL=4
0.15
%
Po=0.05 to 7.5W ,RL=2
0.15
(continued)


Similar Part No. - UTC2003

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UTC2000 MICROCHIP-UTC2000 Datasheet
3Mb / 30P
UTC2000 Evaluation Kit
07/14/15
More results

Similar Description - UTC2003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2003 STMICROELECTRONICS-TDA2003 Datasheet
152Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
10W CAR RADIO AUDIO AMPLIFIER
TDA2003 UTC-TDA2003_11 Datasheet
316Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2003A STMICROELECTRONICS-TDA2003A Datasheet
589Kb / 19P
10 W car radio audio amplifier
TDA2003AH STMICROELECTRONICS-TDA2003AH Datasheet
589Kb / 19P
10 W car radio audio amplifier
E-TDA2003V STMICROELECTRONICS-E-TDA2003V Datasheet
301Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2003AV TGS-TDA2003AV Datasheet
338Kb / 8P
10W CAR RADIO AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2003 UTC-TDA2003_15 Datasheet
320Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
TDA2003 ARTSCHIP-TDA2003 Datasheet
647Kb / 9P
10W CAR RADIO AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2003LG STMICROELECTRONICS-TDA2003LG Datasheet
197Kb / 8P
10 W car radio audio amplifier
September 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com