Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTC2003 Datasheet(PDF) 5 Page - Hangzhou Youwang Electronics Co., Ltd

Part # UTC2003
Description  CAR RADIO AUDIO AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOUWANG [Hangzhou Youwang Electronics Co., Ltd]
Direct Link  http://www.youwang.com.cn/
Logo YOUWANG - Hangzhou Youwang Electronics Co., Ltd

UTC2003 Datasheet(HTML) 5 Page - Hangzhou Youwang Electronics Co., Ltd

  UTC2003 Datasheet HTML 1Page - Hangzhou Youwang Electronics Co., Ltd UTC2003 Datasheet HTML 2Page - Hangzhou Youwang Electronics Co., Ltd UTC2003 Datasheet HTML 3Page - Hangzhou Youwang Electronics Co., Ltd UTC2003 Datasheet HTML 4Page - Hangzhou Youwang Electronics Co., Ltd UTC2003 Datasheet HTML 5Page - Hangzhou Youwang Electronics Co., Ltd UTC2003 Datasheet HTML 6Page - Hangzhou Youwang Electronics Co., Ltd UTC2003 Datasheet HTML 7Page - Hangzhou Youwang Electronics Co., Ltd UTC2003 Datasheet HTML 8Page - Hangzhou Youwang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UTC2003
LINEAR INTEGRATED CIRCUIT
YOUWANG ELECTRONICS CO.LTD
5
10
10
2
10
4
10
5
10
3
-80
-60
-40
-20
0
SVR
(dB)
frequency(Hz)
Fig. 10 Supply voltage
rejection vs.frequency
R2=22
R2=1
024
68
2
0
4
6
8
Fig. 11 Power dissipation
and efficiency vs. output
power(Rl=4
Ω)
Ptot
η
Vs=14.4V
Gv=40dB
f=1kHz
Vs=14.4V
Vripple=0.5V
Gv=40dB
f=1kHz
Rg=10k
Po(W)
Ptot
(W)
Vs=14.4V
Gv=40dB
f=1kHz
Fig. 12 Power dissipation
and efficiency vs. output
power(Rl=2
Ω)
0
2
0
4
6
8
Ptot
(W)
24
68
Po(W)
80
60
40
20
0
η
(%)
80
60
40
20
0
η
(%)
Fig. 13 Maximum Power
dissipation and supply
voltage(sine wave operation)
0
5
10
15
20
10
15
20
5
0
RL=1.6
RL=2
RL=3.2
RL=4
Vs(V)
Ptot
(W )
10
15
20
5
0
0
50
100
150
200
Tamb( )
Ptot
(W )
Fig. 14 Maximum allowable
dissipation and ambient
temperature
infinite heatsink
10 /W
30 /W
Fig. 15 Typical values of
capacitor(Cx) for different
values of frequency
response
36
40
44
48
1
10
100
B=15kHz
B=10kHz
B=20kHz
R2=2.2
Gv(dB)
Cx
(nF)
APPLICATION INFORMATION
UTC2003
1
2
3
5
4
Vi
+Vs
C1
1
µF
Cx
39nF
C3
100nF
R3
1
RL
Rx
39
C4
1000
µF
C2
470
µF
R1
220
R2
2.2
Rx=20*R2
Cx=1/(2
πB*R1)
Fig 16 Typical application circuit


Similar Part No. - UTC2003

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UTC2000 MICROCHIP-UTC2000 Datasheet
3Mb / 30P
   UTC2000 Evaluation Kit
07/14/15
More results

Similar Description - UTC2003

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
TDA2003 UTC-TDA2003_15 Datasheet
320Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2003AV TGS-TDA2003AV Datasheet
338Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
TDA2003 ARTSCHIP-TDA2003 Datasheet
647Kb / 9P
   10W CAR RADIO AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2003 STMICROELECTRONICS-TDA2003 Datasheet
152Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2003 UTC-TDA2003_11 Datasheet
316Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
STMicroelectronics
E-TDA2003V STMICROELECTRONICS-E-TDA2003V Datasheet
301Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
TDA2003AH STMICROELECTRONICS-TDA2003AH Datasheet
589Kb / 19P
   10 W car radio audio amplifier
TDA2003A STMICROELECTRONICS-TDA2003A Datasheet
589Kb / 19P
   10 W car radio audio amplifier
TDA2003LG STMICROELECTRONICS-TDA2003LG Datasheet
197Kb / 8P
   10 W car radio audio amplifier
September 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com