Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTC2003 Datasheet(PDF) 1 Page - Hangzhou Youwang Electronics Co., Ltd

Part # UTC2003
Description  CAR RADIO AUDIO AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOUWANG [Hangzhou Youwang Electronics Co., Ltd]
Direct Link  http://www.youwang.com.cn/
Logo YOUWANG - Hangzhou Youwang Electronics Co., Ltd

UTC2003 Datasheet(HTML) 1 Page - Hangzhou Youwang Electronics Co., Ltd

  UTC2003 Datasheet HTML 1Page - Hangzhou Youwang Electronics Co., Ltd UTC2003 Datasheet HTML 2Page - Hangzhou Youwang Electronics Co., Ltd UTC2003 Datasheet HTML 3Page - Hangzhou Youwang Electronics Co., Ltd UTC2003 Datasheet HTML 4Page - Hangzhou Youwang Electronics Co., Ltd UTC2003 Datasheet HTML 5Page - Hangzhou Youwang Electronics Co., Ltd UTC2003 Datasheet HTML 6Page - Hangzhou Youwang Electronics Co., Ltd UTC2003 Datasheet HTML 7Page - Hangzhou Youwang Electronics Co., Ltd UTC2003 Datasheet HTML 8Page - Hangzhou Youwang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UTC2003
LINEAR INTEGRATED CIRCUIT
YOUWANG ELECTRONICS CO.LTD
1
10W CAR RADIO AUDIO
AMPLIFIER
DESCRIPTION
The UTC2003 has improved performance with the same
pin configuration as the UTC2002.The additional features of
UTC2002,very low number of external components, ease of
assembly, space and cost saving, are maintained.
The device provides a high output current capacity(up to
3.5A) very low harmonic and crossover distortion.Completely
safe operation is guaranteed due to protection against DC
and AC short circuit between all pins and ground, thermal
over-range, load dump voltage surge up to 40V and
fortuitous open ground.
TO-220B
ABSOLUTE MAXIMUM RATINGS(Ta=25°C)
CHARACTERISTICS
SYMBOL
VALUE
UNITS
Peak Supply Voltage
Vs
40
V
DC supply Voltage
Vs
28
V
Operating supply voltage
Vs
18
V
Output peak current(repetitive)
Io
3.5
A
Output peak current( non repetitive)
Io
4.5
A
Power dissipation at Tcase=90
°C
Ptot
20
W
Storage temperature
Tstg
-40~+150
°C
junction temperature
Tj
-40~+150
°C
PIN CONNECTION
1 Non inverting input
2 Inverting input
3 Ground
4 Output
5 Supply Voltage


Similar Part No. - UTC2003

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UTC2000 MICROCHIP-UTC2000 Datasheet
3Mb / 30P
   UTC2000 Evaluation Kit
07/14/15
More results

Similar Description - UTC2003

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
TDA2003 UTC-TDA2003_15 Datasheet
320Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2003AV TGS-TDA2003AV Datasheet
338Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
TDA2003 ARTSCHIP-TDA2003 Datasheet
647Kb / 9P
   10W CAR RADIO AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2003 STMICROELECTRONICS-TDA2003 Datasheet
152Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2003 UTC-TDA2003_11 Datasheet
316Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
STMicroelectronics
E-TDA2003V STMICROELECTRONICS-E-TDA2003V Datasheet
301Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
TDA2003AH STMICROELECTRONICS-TDA2003AH Datasheet
589Kb / 19P
   10 W car radio audio amplifier
TDA2003A STMICROELECTRONICS-TDA2003A Datasheet
589Kb / 19P
   10 W car radio audio amplifier
TDA2003LG STMICROELECTRONICS-TDA2003LG Datasheet
197Kb / 8P
   10 W car radio audio amplifier
September 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com