Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9881-34 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9881-34
Description  Waveguide Horn
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9881-34 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9881-34_17 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9881-34_17 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9881-34_17 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
WR-15 Waveguide Horn Antenna Operating From 56.5 GHz to 67 GHz With a Nominal 34 dBi Gain With UG-385/U Round
Cover Flange from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave
and millimeter wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certiications: WR-15 Waveguide Horn Antenna Operating From 56.5 GHz to 67 GHz With a Nominal 34 dBi
Gain With UG-385/U Round Cover Flange PE9881-34
URL: https://www.pasternack.com/horn-antenna-50-75-ghz-nominal-34-dbi-gain-wr-15-pe9881-34-p.aspx
PE9881-34 REV 1.2
PE9 8 8 1 -3 4
WR-15 Waveguide Horn Antenna Operating From
56.5 GHz to 67 GHz With a Nominal 34 dBi Gain
With UG-385/U Round Cover Flange
Spe c ia lt y Wave guide Ant e nna s Te c hnic a l Da t a She e t


Similar Part No. - PE9881-34_17

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9881-34 PASTERNACK-PE9881-34 Datasheet
239Kb / 2P
Waveguide Horn Antenna Antenna Operates
More results

Similar Description - PE9881-34_17

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9855-SF-10 PASTERNACK-PE9855-SF-10 Datasheet
474Kb / 3P
Waveguide Standard Gain Horn
PE9855-SF-20 PASTERNACK-PE9855-SF-20 Datasheet
464Kb / 3P
Waveguide Standard Gain Horn
PE9857-NF-15 PASTERNACK-PE9857-NF-15 Datasheet
479Kb / 3P
Waveguide Standard Gain Horn
PE9859-15 PASTERNACK-PE9859-15_17 Datasheet
472Kb / 4P
Waveguide Standard Gain Horn
PE9859-NF-10 PASTERNACK-PE9859-NF-10 Datasheet
496Kb / 3P
Waveguide Standard Gain Horn
PE9859-SF-10 PASTERNACK-PE9859-SF-10 Datasheet
478Kb / 3P
Waveguide Standard Gain Horn
PE9860-SF-10 PASTERNACK-PE9860-SF-10 Datasheet
475Kb / 3P
Waveguide Standard Gain Horn
PE9861-15 PASTERNACK-PE9861-15_17 Datasheet
434Kb / 4P
Waveguide Standard Gain Horn
PE9864-SF-15 PASTERNACK-PE9864-SF-15 Datasheet
370Kb / 3P
Waveguide Standard Gain Horn
PE9881-42 PASTERNACK-PE9881-42_18 Datasheet
901Kb / 9P
Waveguide Horn
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com