Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL-7800-1 Datasheet(PDF) 1 Page - RENCO ELECTRONICS, INC.

Part # RL-7800-1
Description  MULTI-LAYER CERAMIC CHIP INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENCO [RENCO ELECTRONICS, INC.]
Direct Link  https://www.rencousa.com/
Logo RENCO - RENCO ELECTRONICS, INC.

RL-7800-1 Datasheet(HTML) 1 Page - RENCO ELECTRONICS, INC.

  RL-7800-1 Datasheet HTML 1Page - RENCO ELECTRONICS, INC. RL-7800-1 Datasheet HTML 2Page - RENCO ELECTRONICS, INC. RL-7800-1 Datasheet HTML 3Page - RENCO ELECTRONICS, INC. RL-7800-1 Datasheet HTML 4Page - RENCO ELECTRONICS, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
C
A
B
D
RL-7800-1
RL-7800-2, RL-7800-3
MULTI-LAYER CERAMIC
• Advancedmonolithicconstructionwithhighfrequency
ceramicandconductivematerials
• ExcellenthighQcharacteristics
• Supportoperatingfrequencybandsupto10GHz
• Excellentreliability
• Applicationsinclude:wirelesscommunications,celluarphones,
cordlessphones,etc.,miscellaneoushigh-frequency
circuitsandEMIcountermeasureinhigh-frequencycircuits
FEATURES & APPLICATIONS
DESCRIPTION
• Multi-layerChipInductors
ENVIRONMENTAL DATA
• Storagetemperaturerange:
-55°Cto+130°C
• Operatingtemperaturerange:
-40°Cto+130°C
PACKAGING INFORMATION
• Packaginginformation:pg.491
CHIP INDUCTORS
Verify operation with sample in actual circuit. Order samples at www.rencousa.com.
ISOMETRIC VIEW
PART NUMBER
EIA (Std.)
A (MAX.)
B (MAX.)
C (MAX.)
D
RL-7800-1
0402
0.043 (1.10)
0.022 (0.55)
0.020 (0.60)
0.009 (0.25) ± 0.004 (0.1)
RL-7800-2
0603
0.070 (1.75)
0.037 (0.95)
0.037 (0.95)
0.011 (0.30) ± 0.008 (0.2)
RL-7800-3
0805
0.090 (2.20)
0.060 (1.45)
0.041 (1.05)
0.019 (0.50) ± 0.012 (0.3)
MECHANICAL DIMENSIONS
U.S. Standard (mm)
PART NUMBER PART WEIGHT
RL-7800-1-3
0.11g (0.004oz)


Similar Part No. - RL-7800-1

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-7100 RENCO-RL-7100 Datasheet
1Mb / 3P
   LOW COST 50/60 Hz CURRENT SENSORS
RL-7100-100-1000 RENCO-RL-7100-100-1000 Datasheet
1Mb / 3P
   LOW COST 50/60 Hz CURRENT SENSORS
RL-7100-200-1000 RENCO-RL-7100-200-1000 Datasheet
1Mb / 3P
   LOW COST 50/60 Hz CURRENT SENSORS
RL-7100-25-1000 RENCO-RL-7100-25-1000 Datasheet
1Mb / 3P
   LOW COST 50/60 Hz CURRENT SENSORS
RL-7100-50-1000 RENCO-RL-7100-50-1000 Datasheet
1Mb / 3P
   LOW COST 50/60 Hz CURRENT SENSORS
More results

Similar Description - RL-7800-1

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
   Multi-layer Chip Inductors - Ceramic
CTLL2012F-FH CT-CTLL2012F-FH Datasheet
306Kb / 1P
   Multi-layer Chip Inductors - Ceramic
CTLL1608F CT-CTLL1608F Datasheet
117Kb / 1P
   Multi-layer Chip Inductors - Ceramic
REV 10.10.17
CTLL2012F CT-CTLL2012F Datasheet
306Kb / 1P
   Multi-layer Chip Inductors - Ceramic
CTLL1005F-FH CT-CTLL1005F-FH Datasheet
502Kb / 1P
   Multi-layer Chip Inductors - Ceramic
CT0201HQF CT-CT0201HQF Datasheet
99Kb / 2P
   Multi-layer Chip Inductors - Ceramic
CTLL1005SF CT-CTLL1005SF Datasheet
372Kb / 2P
   Multi-layer Chip Inductors - Ceramic
REV 11.24.15
CTLL2012FH CT-CTLL2012FH Datasheet
717Kb / 1P
   Multi-layer Chip Inductors - Ceramic
CTLL1608F-FH CT-CTLL1608F-FH Datasheet
241Kb / 1P
   Multi-layer Chip Inductors - Ceramic
REV 08.02.16
CTLL1608 CT-CTLL1608 Datasheet
169Kb / 1P
   Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com