Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2954183 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2954183
Description  Solid-state relay module - EMG 17-OV-220DC/ 60DC/3
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2954183 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2954183 Datasheet HTML 1Page - PHOENIX CONTACT 2954183 Datasheet HTML 2Page - PHOENIX CONTACT 2954183 Datasheet HTML 3Page - PHOENIX CONTACT 2954183 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/us/products/2954183
10/22/2014   Page 3 / 4
Solid-state relay module - EMG 17-OV-220DC/ 60DC/3 - 2954183
Technical data
General
Test voltage input/output
3.5 kV AC
3.5 kV AC
Mounting position
any
Assembly instructions
In rows with zero spacing
Operating mode
100% operating factor
Inflammability class according to UL 94
V0
Standards/regulations
IEC 60664
EN 50178
IEC 62103
Rated surge voltage / insulation
Basic insulation
Classifications
eCl@ss
eCl@ss 4.0
27371102
eCl@ss 4.1
27371102
eCl@ss 5.0
27371001
eCl@ss 5.1
27371001
eCl@ss 6.0
27371001
eCl@ss 7.0
27371001
eCl@ss 8.0
27371001
ETIM
ETIM 2.0
EC001504
ETIM 3.0
EC001504
ETIM 4.0
EC001504
ETIM 5.0
EC001504
UNSPSC
UNSPSC 6.01
30211916
UNSPSC 7.0901
39121542
UNSPSC 11
39121542
UNSPSC 12.01
39121542
UNSPSC 13.2
39121542
Drawings


Similar Part No. - 2954183

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
29541 BELDEN-29541 Datasheet
244Kb / 3P
VFD 300% Gnd, 3CIG #4 Str TC, XLPO InsPVC Gnd
295410101000 BELDEN-295410101000 Datasheet
244Kb / 3P
VFD 300% Gnd, 3CIG #4 Str TC, XLPO InsPVC Gnd
295410103000 BELDEN-295410103000 Datasheet
244Kb / 3P
VFD 300% Gnd, 3CIG #4 Str TC, XLPO InsPVC Gnd
logo
PHOENIX CONTACT
2954138 PHOENIX-2954138 Datasheet
77Kb / 4P
Solid-state relay module - EMG 17-OV- 5DC/ 60DC/3
2954141 PHOENIX-2954141 Datasheet
77Kb / 4P
Solid-state relay module - EMG 17-OV- 12DC/ 60DC/3
More results

Similar Description - 2954183

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2954264 PHOENIX-2954264 Datasheet
79Kb / 4P
Solid-state relay module - EMG 17-OV-220DC/240AC/3
2954141 PHOENIX-2954141 Datasheet
77Kb / 4P
Solid-state relay module - EMG 17-OV- 12DC/ 60DC/3
2954154 PHOENIX-2954154 Datasheet
192Kb / 5P
Solid-state relay module - EMG 17-OV- 24DC/ 60DC/3
10/27/2021
2954196 PHOENIX-2954196 Datasheet
86Kb / 5P
Solid-state relay module - EMG 17-OV-120AC/ 60DC/3
2954206 PHOENIX-2954206 Datasheet
83Kb / 5P
Solid-state relay module - EMG 17-OV-230AC/ 60DC/3
2954138 PHOENIX-2954138 Datasheet
77Kb / 4P
Solid-state relay module - EMG 17-OV- 5DC/ 60DC/3
2954248 PHOENIX-2954248 Datasheet
76Kb / 4P
Solid-state relay module - EMG 17-OV- 60DC/240AC/3
2946816 PHOENIX-2946816 Datasheet
78Kb / 4P
Solid-state relay module - EMG 17-OV- 60DC/ 24DC/2
2948856 PHOENIX-2948856 Datasheet
70Kb / 4P
Solid-state relay module - EMG 12-OV-220DC/240AC/1
2944258 PHOENIX-2944258 Datasheet
62Kb / 4P
Solid-state relay module - EMG 10-OV-220DC/24DC/1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com