Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2954183 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2954183
Description  Solid-state relay module - EMG 17-OV-220DC/ 60DC/3
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2954183 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2954183 Datasheet HTML 1Page - PHOENIX CONTACT 2954183 Datasheet HTML 2Page - PHOENIX CONTACT 2954183 Datasheet HTML 3Page - PHOENIX CONTACT 2954183 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/2954183
10/22/2014   Page 1 / 4
Solid-state relay module - EMG 17-OV-220DC/ 60DC/3 - 2954183
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Power solid-state relay, with LED and protective circuit in input and output circuits, input: 220 V DC, output: 12 -
60 V DC/max. 3 A
The illustration shows version EMG
17-OV, with DC voltage output, max.
3 A
Product Features
 Protective circuit in input and output
 EMG-17-OV, short-circuit-proof with indicator LED
 RC protective circuit
 Status indicator
 Electrical isolation
 Zero voltage switch
 
 
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
85.08 GRM
Custom tariff number
85364900
Country of origin
Germany
Technical data
Dimensions
Width
17.5 mm
Height
75 mm
Depth
102 mm


Similar Part No. - 2954183

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
29541 BELDEN-29541 Datasheet
244Kb / 3P
VFD 300% Gnd, 3CIG #4 Str TC, XLPO InsPVC Gnd
295410101000 BELDEN-295410101000 Datasheet
244Kb / 3P
VFD 300% Gnd, 3CIG #4 Str TC, XLPO InsPVC Gnd
295410103000 BELDEN-295410103000 Datasheet
244Kb / 3P
VFD 300% Gnd, 3CIG #4 Str TC, XLPO InsPVC Gnd
logo
PHOENIX CONTACT
2954138 PHOENIX-2954138 Datasheet
77Kb / 4P
Solid-state relay module - EMG 17-OV- 5DC/ 60DC/3
2954141 PHOENIX-2954141 Datasheet
77Kb / 4P
Solid-state relay module - EMG 17-OV- 12DC/ 60DC/3
More results

Similar Description - 2954183

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2954264 PHOENIX-2954264 Datasheet
79Kb / 4P
Solid-state relay module - EMG 17-OV-220DC/240AC/3
2954141 PHOENIX-2954141 Datasheet
77Kb / 4P
Solid-state relay module - EMG 17-OV- 12DC/ 60DC/3
2954154 PHOENIX-2954154 Datasheet
192Kb / 5P
Solid-state relay module - EMG 17-OV- 24DC/ 60DC/3
10/27/2021
2954196 PHOENIX-2954196 Datasheet
86Kb / 5P
Solid-state relay module - EMG 17-OV-120AC/ 60DC/3
2954206 PHOENIX-2954206 Datasheet
83Kb / 5P
Solid-state relay module - EMG 17-OV-230AC/ 60DC/3
2954138 PHOENIX-2954138 Datasheet
77Kb / 4P
Solid-state relay module - EMG 17-OV- 5DC/ 60DC/3
2954248 PHOENIX-2954248 Datasheet
76Kb / 4P
Solid-state relay module - EMG 17-OV- 60DC/240AC/3
2946816 PHOENIX-2946816 Datasheet
78Kb / 4P
Solid-state relay module - EMG 17-OV- 60DC/ 24DC/2
2948856 PHOENIX-2948856 Datasheet
70Kb / 4P
Solid-state relay module - EMG 12-OV-220DC/240AC/1
2944258 PHOENIX-2944258 Datasheet
62Kb / 4P
Solid-state relay module - EMG 10-OV-220DC/24DC/1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com