Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFASWA141ATF09 Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWA141ATF09
Description  Any 2G/3G/4G Band for TRx System
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWA141ATF09 Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWA141ATF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWA141ATF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWA141ATF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWA141ATF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWA141ATF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWA141ATF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWA141ATF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWA141ATF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWA141ATF09 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Preliminary Product Information
Page 4 of 9
ASC_RFASWA141ATF09_V02
Nov. 2017
Electrical Specifications
(Top= 25°C, VDD=2.85V, EN & VCTL=0/1.8V, Characteristic Impedance ZO= 50 Ω, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Units
RF Specifications
Operating Frequency
f
400
3000
MHz
Insertion Loss
(RFC to RF1/2 port)
IL
700 MHz
915 MHz
1910 MHz
2700 MHz
0.20
0.20
0.30
0.35
0.35
0.40
0.60
0.70
dB
dB
dB
dB
Isolation
(RFC to RF1/2 port)
Logic State 1&2
Iso
700 MHz
915 MHz
1910 MHz
2700 MHz
21
20
14
11
25
23
17
14
dB
dB
dB
dB
Isolation
(RFC to RF1/2 port)
Logic State 3
Iso
700 MHz
915 MHz
1910 MHz
2700 MHz
16
14
9
7
20
18
12
10
dB
dB
dB
dB
Isolation
(RF1 to RF2 port)
Logic State 3
Iso
700 MHz
915 MHz
1910 MHz
2700 MHz
40
35
25
20
45
40
29
24
dB
dB
dB
dB
On state match
VSWR
915 MHz
1910 MHz
1.43
1.43
1.22
1.22
-
On resistance
(RFC to RF1/2 port)
Logic State 1&2
RON
1.1
1.4
Ω
Off capacitance
(RFC to RF1/2 port)
Logic State 1&2
COFF
0.22
0.27
pF
RFx Harmonics
2f0
PIN = +23dBm, f = 700MHz
PIN = +35dBm, f = 915MHz
PIN = +23dBm, f = 2570MHz
-97
-73
-90
dBm
dBm
dBm
3f0
PIN = +23dBm, f = 700MHz
PIN = +35dBm, f = 915MHz
PIN = +23dBm, f = 2570MHz
-98
-73
-93
dBm
dBm
dBm
2nd Order Input Intercept Point
IIP2
See IIP2 test conditions Table
110
120
dBm
3rd Order Input Intercept Point
IIP3
See IIP3 test conditions Table
72
75
dBm
DC Specification (Decoder)
Supply Voltage
VDD
2.4
2.85
5.0
V
Supply Current
IDD
Active Mode, VDD= 2.85V
55
75
μA
Low Power Mode, VDD= 2.85V
2.5
5
μA
Enable Control Voltage
VEN
1.2
1.8
5.0
V
Enable Control Current
IEN
EN= 1.8V
5
μA
Control Voltage(High)
VCTL(H)
1.2
1.8
2.8
V
Control Voltage(Low)
VCTL(L)
0
0.45
V
Control Current
ICTL
VCTL= 1.8V
5
μA
Switching Specification
On switching speed
TSW
50% VCTL to 90% RF On
8
10
μs
Off switching speed
TSW
50% VCTL to 90% RF Off
8
10
μs
Note:All measurements made in a 50
Ω system with 0/+1.8V control voltages, unless otherwise specified.


Similar Part No. - RFASWA141ATF09

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFASWA351ATF06 WALSIN-RFASWA351ATF06 Datasheet
605Kb / 8P
Any 2G/3G/4G Band for TRx system
RFASWA370ATF06 WALSIN-RFASWA370ATF06 Datasheet
634Kb / 8P
Any 2G/3G/4G Band for TRx system
RFASWA370ATF09 WALSIN-RFASWA370ATF09 Datasheet
623Kb / 8P
Any 2G/3G/4G Band for TRx system
RFASWA630BTF09 WALSIN-RFASWA630BTF09 Datasheet
625Kb / 8P
Any 2G/3G/4G Antenna Diversity For Receive System
RFASWA630CTF09 WALSIN-RFASWA630CTF09 Datasheet
624Kb / 8P
Any 2G/3G/4G Antenna Diversity For Receive System
More results

Similar Description - RFASWA141ATF09

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFASWK119ATF09 WALSIN-RFASWK119ATF09 Datasheet
611Kb / 9P
Any 2G/3G/4G Band for TRx System
RFASWA370ATF06 WALSIN-RFASWA370ATF06 Datasheet
634Kb / 8P
Any 2G/3G/4G Band for TRx system
RFASWB643ATF09 WALSIN-RFASWB643ATF09 Datasheet
663Kb / 8P
Any 2G/3G/4G Band for TRx System
RFASWK626ATF09 WALSIN-RFASWK626ATF09 Datasheet
557Kb / 8P
Any 2G/3G/4G Band for TRx system
RMASMU890ATF03 WALSIN-RMASMU890ATF03 Datasheet
706Kb / 14P
Any 2G/3G/4G Band for TRx System
RMASMU532ATF03 WALSIN-RMASMU532ATF03 Datasheet
733Kb / 15P
Any 2G/3G/4G Band for TRx System
RFASWAM3489ATF09 WALSIN-RFASWAM3489ATF09 Datasheet
541Kb / 8P
Any 2G/3G/4G Band for TRx System
RFASWB022ATF09 WALSIN-RFASWB022ATF09 Datasheet
650Kb / 8P
Any 2G/3G/4G Band For TRx System
RFASWDH2418PTF09 WALSIN-RFASWDH2418PTF09 Datasheet
672Kb / 8P
Any 2G/3G/4G Band for TRx System
RMASME494ATF03 WALSIN-RMASME494ATF03 Datasheet
881Kb / 16P
Any 2G/3G/4G Band for TRx system
RFASWB438ATF09 WALSIN-RFASWB438ATF09 Datasheet
633Kb / 8P
Any 2G/3G/4G Band for TRx System
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com