Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFASWMT2628BTF09 Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWMT2628BTF09
Description  Any 2G/3G/4G Antenna Diversity For Receive System
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWMT2628BTF09 Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWMT2628BTF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628BTF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628BTF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628BTF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628BTF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628BTF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628BTF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628BTF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628BTF09 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Approval Sheet
Page 4 of 9
ASC_RFASWMT2628BTF09_V03
Aug. 2017
Electrical Specifications
(Top= 25°C, VDD=2.85V, VCTL=0/1.8V, Characteristic Impedance ZO= 50 Ω, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Units
RF Specifications
Operating frequency
f
0.8
2.7
GHz
Insertion loss
(ANT to RF1/2/3 port)
IL
0.8 ~ 1.0 GHz
1.0 ~ 2.2 GHz
2.2 ~ 2.7 GHz
0.30
0.50
0.70
0.50
0.70
0.90
dB
dB
dB
Isolation
(ANT to RF1/2/3 port)
Iso
0.8 ~ 1.0 GHz
1.0 ~ 2.2 GHz
2.2 ~ 2.7 GHz
26
16
14
34
22
17
dB
dB
dB
On state match
VSWR
0.8 ~ 2.7 GHz
1.5
2.0
Input Power 0.1dB Compression
Point
P0.1dB
0.8 ~ 2.7 GHz
+30
dBm
RFx Harmonics
2f0
PIN = +26dBm, f = 0.8 ~ 2.7GHz
+90
dBc
3f0
PIN = +26dBm, f = 0.8 ~ 2.7GHz
+90
dBc
DC Specification (Decoder)
Supply Voltage
VDD
2.5
2.85
5.0
V
Supply Current
IDD
VDD= 2.85V
55
μA
Control Voltage(High)
VCTL
1.2
1.8
3.3
V
Control Voltage(Low)
VCTL
0
0.4
V
Control Current
ICTL
VCTL= 1.8V
1.0
μA
Switching Specification
Switching speed
TSW
50% VCTL to 90/10% RF
1.5
μs
Note:All measurements made in a 50
Ω system with 0/+1.8V control voltages, unless otherwise specified.
Logic Table for Switch On-Path (High=1.8V ,Low= 0V)
VC1
VC2
RF1
RF2
RF3
1
0
on
off
off
0
1
off
on
off
1
1
off
off
on


Similar Part No. - RFASWMT2628BTF09

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFASWMT2628PTF09 WALSIN-RFASWMT2628PTF09 Datasheet
557Kb / 8P
   Any 2G/3G/4G Band for TRx system
More results

Similar Description - RFASWMT2628BTF09

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFASWA630CTF09 WALSIN-RFASWA630CTF09 Datasheet
624Kb / 8P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWDH2418BTF06 WALSIN-RFASWDH2418BTF06 Datasheet
604Kb / 8P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWE660DTF03 WALSIN-RFASWE660DTF03 Datasheet
676Kb / 14P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWA630BTF09 WALSIN-RFASWA630BTF09 Datasheet
625Kb / 8P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWH656FTF03 WALSIN-RFASWH656FTF03 Datasheet
678Kb / 14P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWF662DTF03 WALSIN-RFASWF662DTF03 Datasheet
686Kb / 14P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWD658FTF03 WALSIN-RFASWD658FTF03 Datasheet
683Kb / 14P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWA697ATF09 WALSIN-RFASWA697ATF09 Datasheet
550Kb / 8P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWHH1416BTF09 WALSIN-RFASWHH1416BTF09 Datasheet
596Kb / 8P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWH526BTF03 WALSIN-RFASWH526BTF03 Datasheet
684Kb / 14P
   Any 2G/3G/4G Antenna Diversity For Receive System
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com