Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFASWMT2628BTF09 Datasheet(PDF) 6 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWMT2628BTF09
Description  Any 2G/3G/4G Antenna Diversity For Receive System
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWMT2628BTF09 Datasheet(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWMT2628BTF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628BTF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628BTF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628BTF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628BTF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628BTF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628BTF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628BTF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628BTF09 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Approval Sheet
Page 6 of 9
ASC_RFASWMT2628BTF09_V03
Aug. 2017
Reliability test
TEST
PROCEDURE / TEST METHOD
REQUIREMENT
*Solderability
*JIS C 0050-4.6
*JESD22-B102D
*Solder bath temperature:255
 5C
*Immersion time:5
 0.5 sec
*Solder:Sn3Ag0.5Cu for lead-free
*At least 95% of a surface of each terminal
*electrode must be covered by fresh solder.
*High temperature
*JIS C 0021
*Temperature:90
C2C
*Test duration:1000+24/-0 hours
*Measurement to be made after keeping at *room
temperature for 24
2 hrs
*No mechanical damage.
*Electrical specification shall satisfy the
*descriptions in electrical characteristics under
*the operational temperature range within -30 *~
90°C.
*Low temperature
*JIS C 0020
*Temperature:-30
C2C
*Test duration:1000+24/-0 hours
*Measurement to be made after keeping at *room
temperature for 24
2 hrs
*No mechanical damage.
*Electrical specification shall satisfy the
*descriptions in electrical characteristics under
*the operational temperature range within -30 *~
90°C.
*Temperature cycle
*JIS C 0025
*1. 30
3 minutes at -303C,
*2. 10~15 minutes at room temperature,
*3. 30
3 minutes at +903C,
*4. 10~15 minutes at room temperature,
*Total 100 continuous cycles
*Measurement to be made after keeping at *room
temperature for 24
2 hrs
*No mechanical damage.
*Electrical specification shall satisfy the
*descriptions in electrical characteristics under
*the operational temperature range within -30 *~
90°C.
*High temperature operation
*life (HTOL)
*Temperature:90
C
*VDD = 4.8V
*Time:1000+24/-0 hrs.
*Measurement to be made after keeping at *room
temperature for 24
2 hrs
*No mechanical damage.
*Electrical specification shall satisfy the
*descriptions in electrical characteristics under
*the operational temperature range within -30 *~
90°C.


Similar Part No. - RFASWMT2628BTF09

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFASWMT2628PTF09 WALSIN-RFASWMT2628PTF09 Datasheet
557Kb / 8P
   Any 2G/3G/4G Band for TRx system
More results

Similar Description - RFASWMT2628BTF09

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFASWA630CTF09 WALSIN-RFASWA630CTF09 Datasheet
624Kb / 8P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWDH2418BTF06 WALSIN-RFASWDH2418BTF06 Datasheet
604Kb / 8P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWE660DTF03 WALSIN-RFASWE660DTF03 Datasheet
676Kb / 14P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWA630BTF09 WALSIN-RFASWA630BTF09 Datasheet
625Kb / 8P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWH656FTF03 WALSIN-RFASWH656FTF03 Datasheet
678Kb / 14P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWF662DTF03 WALSIN-RFASWF662DTF03 Datasheet
686Kb / 14P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWD658FTF03 WALSIN-RFASWD658FTF03 Datasheet
683Kb / 14P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWA697ATF09 WALSIN-RFASWA697ATF09 Datasheet
550Kb / 8P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWHH1416BTF09 WALSIN-RFASWHH1416BTF09 Datasheet
596Kb / 8P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWH526BTF03 WALSIN-RFASWH526BTF03 Datasheet
684Kb / 14P
   Any 2G/3G/4G Antenna Diversity For Receive System
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com