Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFASWMT2628BTF09 Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWMT2628BTF09
Description  Any 2G/3G/4G Antenna Diversity For Receive System
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWMT2628BTF09 Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWMT2628BTF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628BTF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628BTF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628BTF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628BTF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628BTF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628BTF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628BTF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628BTF09 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Approval Sheet
Page 2 of 9
ASC_RFASWMT2628BTF09_V03
Aug. 2017
FEATURES
Low Insertion Loss
:0.7dB typ. @ 2.7GHz
P0.1dB compression point
:30dBm typ. @ 2.7GHz
Low control voltage
:0 to 0.4V
Miniature footprint
:1.1 x 1.1 x 0.55 mm3
High ESD tolerance of 2kV HBM at all pins
Moisture Sensitive Level 3 (MSL3)
Description
The RFASWMT2628BTF09 is a CMOS SOI (Silicon On Insulator) Single Pole, Triple Throw (SP3T) switch that operating at
0.8-2.7 GHz. The RFASWMT2628ATF09 is manufactured in a QFN (1.1x1.1x0.55mm3) package.
The RFASWMT2628BTF09 features very high isolation with very low DC power consumption.
The RFASWMT2628BTF09 has ESD protection devices to achieve excellent ESD performances. No DC Blocking capacitors
are required for all RF ports unless DC is biased externally
Application
Multi-mode 2G/3G, LTE application receive system.
Block Diagram and Pin Out (Top View)
Pin Names and Descriptions
Pin
Name
Description
Pin
Name
Description
1
VC1
DC control voltage 1
6
GND
Ground
2
RF3
RF path 3
7
VDD
DC power supply
3
RF1
RF path 1
8
VC2
DC control voltage 2
4
ANT
Antenna port
9
GND
Ground
5
RF2
RF path 2
1
2
3
8
9
4
7
6
5


Similar Part No. - RFASWMT2628BTF09

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFASWMT2628PTF09 WALSIN-RFASWMT2628PTF09 Datasheet
557Kb / 8P
   Any 2G/3G/4G Band for TRx system
More results

Similar Description - RFASWMT2628BTF09

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFASWA630CTF09 WALSIN-RFASWA630CTF09 Datasheet
624Kb / 8P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWDH2418BTF06 WALSIN-RFASWDH2418BTF06 Datasheet
604Kb / 8P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWE660DTF03 WALSIN-RFASWE660DTF03 Datasheet
676Kb / 14P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWA630BTF09 WALSIN-RFASWA630BTF09 Datasheet
625Kb / 8P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWH656FTF03 WALSIN-RFASWH656FTF03 Datasheet
678Kb / 14P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWF662DTF03 WALSIN-RFASWF662DTF03 Datasheet
686Kb / 14P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWD658FTF03 WALSIN-RFASWD658FTF03 Datasheet
683Kb / 14P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWA697ATF09 WALSIN-RFASWA697ATF09 Datasheet
550Kb / 8P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWHH1416BTF09 WALSIN-RFASWHH1416BTF09 Datasheet
596Kb / 8P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWH526BTF03 WALSIN-RFASWH526BTF03 Datasheet
684Kb / 14P
   Any 2G/3G/4G Antenna Diversity For Receive System
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com