Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFASWMT2628PTF09 Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWMT2628PTF09
Description  Any 2G/3G/4G Band for TRx system
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWMT2628PTF09 Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWMT2628PTF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628PTF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628PTF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628PTF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628PTF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628PTF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628PTF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWMT2628PTF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Approval Sheet
Page 2 of 8
ASC_RFASWMT2628PTF09_V01
Jul. 2018
FEATURES
Low Insertion Loss
:0.5dB typ. @ 2.7GHz
High Isolation
:24dB typ. @ 2.7GHz
P1dB compression point
:34dBm typ. @ 2.7GHz
Low control voltage
:1.3 to 2.8V
Miniature footprint
:1.1 x 1.1 x 0.55 mm3
High ESD tolerance of 2kV HBM at all pins
Moisture Sensitive Level 3 (MSL3)
Description
The RFASWMT2628PTF09 is a CMOS SOI (Silicon On Insulator) Single Pole, Triple Throw (SP3T) switch that operating at
0.5-2.7 GHz. The RFASWMT2628PTF09 is manufactured in a QFN (1.1x1.1x0.55mm3) package.
The RFASWMT2628PTF09 features very high isolation with very low DC power consumption.
The RFASWMT2628PTF09 has ESD protection devices to achieve excellent ESD performances. No DC Blocking capacitors
are required for all RF ports unless DC is biased externally
Application
Multi-mode 2G/3G, LTE application Transmit/receive system.
Block Diagram and Pin Out (Top View)
Pin Names and Descriptions
Pin
Name
Description
Pin
Name
Description
1
VC1
DC control voltage 1
6
GND
Ground
2
RF3
RF path 3
7
VDD
DC power supply
3
RF1
RF path 1
8
VC2
DC control voltage 2
4
ANT
Antenna port
9
GND
Ground
5
RF2
RF path 2
1
2
3
8
9
4
7
6
5
RF1
RF2
RF3
ANT
VDD
VC1
Bias
Decoder
VC2


Similar Part No. - RFASWMT2628PTF09

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFASWMT2628BTF09 WALSIN-RFASWMT2628BTF09 Datasheet
612Kb / 9P
   Any 2G/3G/4G Antenna Diversity For Receive System
More results

Similar Description - RFASWMT2628PTF09

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFASWK119ATF09 WALSIN-RFASWK119ATF09 Datasheet
611Kb / 9P
   Any 2G/3G/4G Band for TRx System
RFASWA370ATF06 WALSIN-RFASWA370ATF06 Datasheet
634Kb / 8P
   Any 2G/3G/4G Band for TRx system
RFASWB643ATF09 WALSIN-RFASWB643ATF09 Datasheet
663Kb / 8P
   Any 2G/3G/4G Band for TRx System
RFASWK626ATF09 WALSIN-RFASWK626ATF09 Datasheet
557Kb / 8P
   Any 2G/3G/4G Band for TRx system
RMASMU890ATF03 WALSIN-RMASMU890ATF03 Datasheet
706Kb / 14P
   Any 2G/3G/4G Band for TRx System
RMASMU532ATF03 WALSIN-RMASMU532ATF03 Datasheet
733Kb / 15P
   Any 2G/3G/4G Band for TRx System
RFASWAM3489ATF09 WALSIN-RFASWAM3489ATF09 Datasheet
541Kb / 8P
   Any 2G/3G/4G Band for TRx System
RFASWB022ATF09 WALSIN-RFASWB022ATF09 Datasheet
650Kb / 8P
   Any 2G/3G/4G Band For TRx System
RFASWDH2418PTF09 WALSIN-RFASWDH2418PTF09 Datasheet
672Kb / 8P
   Any 2G/3G/4G Band for TRx System
RMASME494ATF03 WALSIN-RMASME494ATF03 Datasheet
881Kb / 16P
   Any 2G/3G/4G Band for TRx system
RFASWB438ATF09 WALSIN-RFASWB438ATF09 Datasheet
633Kb / 8P
   Any 2G/3G/4G Band for TRx System
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com