Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR8PM Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # BCR8PM
Description  MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR8PM Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  BCR8PM Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR8PM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR8PM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR8PM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor BCR8PM Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Feb.1999
160
100
80
40
20
0
140
40
–40
–60
–20 0
20
60 80
140
100 120
60
120
TYPICAL EXAMPLE
BREAKOVER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
COMMUTATION CHARACTERISTICS
RATE OF DECAY OF ON-STATE
COMMUTATING CURRENT (A /ms)
BREAKOVER VOLTAGE VS.
RATE OF RISE OF
OFF-STATE VOLTAGE
RATE OF RISE OF OFF-STATE VOLTAGE (V/µs)
GATE TRIGGER CURRENT VS.
GATE CURRENT PULSE WIDTH
GATE CURRENT PULSE WIDTH (µs)
101
103
7
5
3
2
100
23
5 7 101
102
7
5
3
2
23
5 7 102
4
4
44
IRGT III
IRGT I
IFGT I
TYPICAL EXAMPLE
23
101
57 102 23 5 7 103 23 5 7 104
120
0
20
40
60
80
100
140
160
TYPICAL EXAMPLE
Tj = 125°C
I QUADRANT
III QUADRANT
101
23
100
57 101 23 5 7 102 23 5 7 103
3
2
102
7
5
3
2
7
5
7
5
3
2
100
TYPICAL
EXAMPLE
Tj = 125°C
IT = 4A
τ = 500µs
VD = 200V
f = 3Hz
I QUADRANT
III QUADRANT
MINIMUM
CHARAC-
TERISTICS
VALUE
VOLTAGE WAVEFORM
CURRENT WAVEFORM
VD
t
(dv/dt)C
IT
τ
t
(di/dt)C
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR8PM
MEDIUM POWER USE
INSULATED TYPE, PLANAR PASSIVATION TYPE
6
6
6
6V
6V
6V
RG
RG
RG
A
V
A
V
A
V
TEST PROCEDURE 1
TEST PROCEDURE 3
TEST PROCEDURE 2
GATE TRIGGER CHARACTERISTICS TEST CIRCUITS


Similar Part No. - BCR8PM

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR8PM POWEREX-BCR8PM Datasheet
83Kb / 6P
   Triac 8 Amperes/400-600 Volts
BCR8PM-12 POWEREX-BCR8PM-12 Datasheet
83Kb / 6P
   Triac 8 Amperes/400-600 Volts
logo
Apollo Electron Co., Lt...
BCR8PM-12 APOLLOELECTRON-BCR8PM-12 Datasheet
3Mb / 6P
   Standard Triac
BCR8PM-12 APOLLOELECTRON-BCR8PM-12 Datasheet
2Mb / 6P
   Standard Triac
logo
Powerex Power Semicondu...
BCR8PM-12L POWEREX-BCR8PM-12L Datasheet
83Kb / 6P
   Triac 8 Amperes/400-600 Volts
More results

Similar Description - BCR8PM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR12PM-14 MITSUBISHI-BCR12PM-14 Datasheet
61Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR10PM MITSUBISHI-BCR10PM Datasheet
93Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR5KM MITSUBISHI-BCR5KM Datasheet
49Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR12PM MITSUBISHI-BCR12PM Datasheet
93Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR8PM-18 MITSUBISHI-BCR8PM-18 Datasheet
61Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR8PM-20 MITSUBISHI-BCR8PM-20 Datasheet
60Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR8PM-14 MITSUBISHI-BCR8PM-14 Datasheet
61Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Renesas Technology Corp
BCR5KM RENESAS-BCR5KM_15 Datasheet
208Kb / 13P
   MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR20KM RENESAS-BCR20KM_15 Datasheet
199Kb / 14P
   MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
BCR16PM MITSUBISHI-BCR16PM Datasheet
93Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com