Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMASMU890ATF03 Datasheet(PDF) 10 Page - WALSIN TECHNOLOGY CORPORATION

Part # RMASMU890ATF03
Description  Any 2G/3G/4G Band for TRx System
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RMASMU890ATF03 Datasheet(HTML) 10 Page - WALSIN TECHNOLOGY CORPORATION

Back Button RMASMU890ATF03 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RMASMU890ATF03 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RMASMU890ATF03 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RMASMU890ATF03 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION RMASMU890ATF03 Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION RMASMU890ATF03 Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION RMASMU890ATF03 Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION RMASMU890ATF03 Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION RMASMU890ATF03 Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Approval Sheet
Page 10 of 14
ASC_RMASMU890ATF03_V02
Nov. 2017
Table 11. Power Mode
D[7:6]
Read/Write
Status
00b
W
Part enters Active mode
R
Part is in Active mode
01b
W
Part enters Start Up mode - part is reset
R
Start Up mode will immediately transition to Low Power mode
10b
W
Part enters Low Power mode
R
Part is in Low Power mode
11b
N/A
Will not occur - The state is discarded
Will not occur - The state is discarded
Table 12. Trigger States
D[5:0]
Read/Write
Status
D[5]
R/W
1 = Trigger 2 Disabled, 0 = Trigger 2 Enabled
D[4]
1 = Trigger 1 Disabled, 0 = Trigger 1 Enabled
D[3]
1 = Trigger 0 Disabled, 0 = Trigger 0 Enabled
D[2]
W
1 = Load Bits to Trigger 2, Trigger 2 states is Disabled
D[1]
1 = Load Bits to Trigger 1, Trigger 1 states is Disabled
D[0]
1 = Load Bits to Trigger 0, Trigger 0 states is Disabled
Table 13. Dimensions
Figure
Symbol
Dimension
L
3.20 ± 0.05mm
W
2.80 ±0.05mm
T
0.85 ±0.05mm
A
0.20 ±0.05mm
B
0.40 ±0.05mm
C
0.80 ±0.05mm
D
1.20 ±0.05mm
E
0.20 ±0.05mm
F
0.20 ±0.05mm
G
1.00 ±0.05mm
H
1.47 ±0.05mm
I
1.87 ±0.05mm
J
0.385 x 0.300 mm
W
L
A
B
C
D
E
F
G
J
T
I
H
Pin 1
Index
Top View
Side View
Bottom View


Similar Part No. - RMASMU890ATF03

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RMASMU532ATF03 WALSIN-RMASMU532ATF03 Datasheet
733Kb / 15P
   Any 2G/3G/4G Band for TRx System
More results

Similar Description - RMASMU890ATF03

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFASWK119ATF09 WALSIN-RFASWK119ATF09 Datasheet
611Kb / 9P
   Any 2G/3G/4G Band for TRx System
RFASWA370ATF06 WALSIN-RFASWA370ATF06 Datasheet
634Kb / 8P
   Any 2G/3G/4G Band for TRx system
RFASWB643ATF09 WALSIN-RFASWB643ATF09 Datasheet
663Kb / 8P
   Any 2G/3G/4G Band for TRx System
RFASWK626ATF09 WALSIN-RFASWK626ATF09 Datasheet
557Kb / 8P
   Any 2G/3G/4G Band for TRx system
RMASMU532ATF03 WALSIN-RMASMU532ATF03 Datasheet
733Kb / 15P
   Any 2G/3G/4G Band for TRx System
RFASWAM3489ATF09 WALSIN-RFASWAM3489ATF09 Datasheet
541Kb / 8P
   Any 2G/3G/4G Band for TRx System
RFASWB022ATF09 WALSIN-RFASWB022ATF09 Datasheet
650Kb / 8P
   Any 2G/3G/4G Band For TRx System
RFASWDH2418PTF09 WALSIN-RFASWDH2418PTF09 Datasheet
672Kb / 8P
   Any 2G/3G/4G Band for TRx System
RMASME494ATF03 WALSIN-RMASME494ATF03 Datasheet
881Kb / 16P
   Any 2G/3G/4G Band for TRx system
RFASWB438ATF09 WALSIN-RFASWB438ATF09 Datasheet
633Kb / 8P
   Any 2G/3G/4G Band for TRx System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com