Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMASMU890ATF03 Datasheet(PDF) 12 Page - WALSIN TECHNOLOGY CORPORATION

Part # RMASMU890ATF03
Description  Any 2G/3G/4G Band for TRx System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RMASMU890ATF03 Datasheet(HTML) 12 Page - WALSIN TECHNOLOGY CORPORATION

Back Button RMASMU890ATF03 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RMASMU890ATF03 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RMASMU890ATF03 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RMASMU890ATF03 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION RMASMU890ATF03 Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION RMASMU890ATF03 Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION RMASMU890ATF03 Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION RMASMU890ATF03 Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION RMASMU890ATF03 Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Approval Sheet
Page 12 of 14
ASC_RMASMU890ATF03_V02
Nov. 2017
Reliability test
TEST
PROCEDURE / TEST METHOD
REQUIREMENT
*Solderability
*JIS C 0050-4.6
*JESD22-B102D
*Solder bath temperature:255
 5C
*Immersion time:5
 0.5 sec
*Solder:Sn3Ag0.5Cu for lead-free
*At least 95% of a surface of each terminal
*electrode must be covered by fresh solder.
*High temperature
*JIS C 0021
*Temperature:90
C2C
*Test duration:1000+24/-0 hours
*Measurement to be made after keeping at
*room temperature for 24
2 hrs
*No mechanical damage.
*Electrical specification shall satisfy the
*descriptions in electrical characteristics
under *the operational temperature range
within -30 *~ 90°C.
*Low temperature
*JIS C 0020
*Temperature:-30
C2C
*Test duration:1000+24/-0 hours
*Measurement to be made after keeping at
*room temperature for 24
2 hrs
*No mechanical damage.
*Electrical specification shall satisfy the
*descriptions in electrical characteristics
under *the operational temperature range
within -30 *~ 90°C.
*Temperature cycle
*JIS C 0025
*1. 30
3 minutes at -303C,
*2. 10~15 minutes at room temperature,
*3. 30
3 minutes at +903C,
*4. 10~15 minutes at room temperature,
*Total 100 continuous cycles
*Measurement to be made after keeping at
*room temperature for 24
2 hrs
*No mechanical damage.
*Electrical specification shall satisfy the
*descriptions in electrical characteristics
under *the operational temperature range
within -30 *~ 90°C.
*High temperature operation
*life (HTOL)
*Temperature:90
C
*VDD = 4.8V
*Time:1000+24/-0 hrs.
*Measurement to be made after keeping at
*room temperature for 24
2 hrs
*No mechanical damage.
*Electrical specification shall satisfy the
*descriptions in electrical characteristics
under *the operational temperature range
within -30 *~ 90°C.
Soldering condition
Typical examples of soldering processes that provide reliable joints without any damage are given in Figure 11.
Figure 11. Infrared soldering profile
260
245
217
200
150
10 sec
Time
30 sec min.
60~150 sec
480 sec max. to Peak
25
max. ramp up rate = 3°C/s
max. ramp down rate = 6°C/s
For SnAgCu series solder paste


Similar Part No. - RMASMU890ATF03

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RMASMU532ATF03 WALSIN-RMASMU532ATF03 Datasheet
733Kb / 15P
Any 2G/3G/4G Band for TRx System
More results

Similar Description - RMASMU890ATF03

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFASWA370ATF06 WALSIN-RFASWA370ATF06 Datasheet
634Kb / 8P
Any 2G/3G/4G Band for TRx system
RFASWAM3489ATF09 WALSIN-RFASWAM3489ATF09 Datasheet
541Kb / 8P
Any 2G/3G/4G Band for TRx System
RFASWB022ATF09 WALSIN-RFASWB022ATF09 Datasheet
650Kb / 8P
Any 2G/3G/4G Band For TRx System
RFASWB438ATF09 WALSIN-RFASWB438ATF09 Datasheet
633Kb / 8P
Any 2G/3G/4G Band for TRx System
RFASWB643ATF09 WALSIN-RFASWB643ATF09 Datasheet
663Kb / 8P
Any 2G/3G/4G Band for TRx System
RFASWDH2418PTF09 WALSIN-RFASWDH2418PTF09 Datasheet
672Kb / 8P
Any 2G/3G/4G Band for TRx System
RFASWK119ATF09 WALSIN-RFASWK119ATF09 Datasheet
611Kb / 9P
Any 2G/3G/4G Band for TRx System
RFASWK626ATF09 WALSIN-RFASWK626ATF09 Datasheet
557Kb / 8P
Any 2G/3G/4G Band for TRx system
RMASME494ATF03 WALSIN-RMASME494ATF03 Datasheet
881Kb / 16P
Any 2G/3G/4G Band for TRx system
RMASMU532ATF03 WALSIN-RMASMU532ATF03 Datasheet
733Kb / 15P
Any 2G/3G/4G Band for TRx System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com