Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMASMU890ATF03 Datasheet(PDF) 14 Page - WALSIN TECHNOLOGY CORPORATION

Part # RMASMU890ATF03
Description  Any 2G/3G/4G Band for TRx System
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RMASMU890ATF03 Datasheet(HTML) 14 Page - WALSIN TECHNOLOGY CORPORATION

Back Button RMASMU890ATF03 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RMASMU890ATF03 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RMASMU890ATF03 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RMASMU890ATF03 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION RMASMU890ATF03 Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION RMASMU890ATF03 Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION RMASMU890ATF03 Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION RMASMU890ATF03 Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION RMASMU890ATF03 Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Approval Sheet
Page 14 of 14
ASC_RMASMU890ATF03_V02
Nov. 2017
Reel dimensions
A
B
C
Taping Quantity : 3
000 pieces per 7” reel
Caution of handling
Limitation of Applications
Please contact us before using our products for the applications listed below which require especially high reliability for
the prevention of defects, which might directly cause damage to the third party’s life, body or property.
(1)
Aircraft equipment
(2)
Aerospace equipment
(3)
Undersea equipment
(4)
Medical equipment
(5)
Disaster prevention / crime prevention equipment
(6)
Traffic signal equipment
(7)
Transportation equipment (vehicles, trains, ships, etc.)
(8)
Applications of similar complexity and /or reliability requirements to the applications listed in the above.
Storage condition
(1)
Products should be used in 6 months from the day of WALSIN outgoing inspection, which can be
confirmed.
(2)
Storage environment condition.
Products should be storage in the warehouse on the following conditions.
Temperature
: -10 to +40°C
Humidity
: 30 to 70% relative humidity
Don’t keep products in corrosive gases such as sulfur. Chlorine gas or acid or it may cause oxidization of
electrode, resulting in poor solderability.
Products should be storage on the palette for the prevention of the influence from humidity, dust and son on.
Products should be storage in the warehouse without heat shock, vibration, direct sunlight and so on.
Products should be storage under the airtight packaged condition.
Index
A
B
C
Dimension (mm)
Φ178.0
Φ60.0
Φ13.0


Similar Part No. - RMASMU890ATF03

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RMASMU532ATF03 WALSIN-RMASMU532ATF03 Datasheet
733Kb / 15P
   Any 2G/3G/4G Band for TRx System
More results

Similar Description - RMASMU890ATF03

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFASWK119ATF09 WALSIN-RFASWK119ATF09 Datasheet
611Kb / 9P
   Any 2G/3G/4G Band for TRx System
RFASWA370ATF06 WALSIN-RFASWA370ATF06 Datasheet
634Kb / 8P
   Any 2G/3G/4G Band for TRx system
RFASWB643ATF09 WALSIN-RFASWB643ATF09 Datasheet
663Kb / 8P
   Any 2G/3G/4G Band for TRx System
RFASWK626ATF09 WALSIN-RFASWK626ATF09 Datasheet
557Kb / 8P
   Any 2G/3G/4G Band for TRx system
RMASMU532ATF03 WALSIN-RMASMU532ATF03 Datasheet
733Kb / 15P
   Any 2G/3G/4G Band for TRx System
RFASWAM3489ATF09 WALSIN-RFASWAM3489ATF09 Datasheet
541Kb / 8P
   Any 2G/3G/4G Band for TRx System
RFASWB022ATF09 WALSIN-RFASWB022ATF09 Datasheet
650Kb / 8P
   Any 2G/3G/4G Band For TRx System
RFASWDH2418PTF09 WALSIN-RFASWDH2418PTF09 Datasheet
672Kb / 8P
   Any 2G/3G/4G Band for TRx System
RMASME494ATF03 WALSIN-RMASME494ATF03 Datasheet
881Kb / 16P
   Any 2G/3G/4G Band for TRx system
RFASWB438ATF09 WALSIN-RFASWB438ATF09 Datasheet
633Kb / 8P
   Any 2G/3G/4G Band for TRx System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com