Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTT2X-800ETN Datasheet(PDF) 1 Page - WeEn Semiconductors

Part # ACTT2X-800ETN
Description  Enhanced, high temperature ACTT power switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

ACTT2X-800ETN Datasheet(HTML) 1 Page - WeEn Semiconductors

  ACTT2X-800ETN Datasheet HTML 1Page - WeEn Semiconductors ACTT2X-800ETN Datasheet HTML 2Page - WeEn Semiconductors ACTT2X-800ETN Datasheet HTML 3Page - WeEn Semiconductors ACTT2X-800ETN Datasheet HTML 4Page - WeEn Semiconductors ACTT2X-800ETN Datasheet HTML 5Page - WeEn Semiconductors ACTT2X-800ETN Datasheet HTML 6Page - WeEn Semiconductors ACTT2X-800ETN Datasheet HTML 7Page - WeEn Semiconductors ACTT2X-800ETN Datasheet HTML 8Page - WeEn Semiconductors ACTT2X-800ETN Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ACTT2X-800ETN
Enhanced, high temperature ACTT power switch
6 September 2018
Product data sheet
1. General description
Planar passivated AC Thyristor Triac power switch in a SOT186A (TO-220F) "full pack" plastic
package with self-protective capabilities against low and high energy transients. This "series ETN"
triac will commutate the full RMS current at the maximum rated junction temperature (Tj(max) =
150 °C) without the aid of a snubber. It is used in applications where "high junction operating
temperature capability" is required.
2. Features and benefits
Clamping structure ensuring safe high over-voltage withstand capability
High junction operating temperature capability (Tj(max) = 150 °C)
High minimum IGT for guaranteed immunity to gate noise
Full cycle AC conduction
Over-voltage withstand capability to IEC 61000-4-5
Pin compatible with standard triacs
Planar passivated for voltage ruggedness and reliability
Protective self turn-on capability for high energy transients
Safe clamping capability for low energy over-voltage transients
Less sensitive gate for high noise immunity
Triggering in three quadrants only
Very high immunity to false turn-on by dV/dt and IEC 61000-4-4 fast transient
Package meets UL94V0 flammability requirement
Package is RoHS compliant
Package meets UL1557 isolation test requirement rated at 2500V RMS
3. Applications
AC pumps and fans
High power solenoids
Highly inductive, resistive and safety loads
Large and small appliances (White Goods)
Applications subject to high temperature (Tj(max) = 150 °C)
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDRM
repetitive peak off-
state voltage
-
-
800
V
IT(RMS)
RMS on-state current
full sine wave; Th ≤ 134 °C; Fig. 1;
Fig. 2; Fig. 3
-
-
2
A


Similar Part No. - ACTT2X-800ETN

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
ACTT2X-800E WEEN-ACTT2X-800E Datasheet
239Kb / 13P
   AC Thyristor Triac power switch
More results

Similar Description - ACTT2X-800ETN

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
ACTT2S-800ETN WEEN-ACTT2S-800ETN Datasheet
409Kb / 12P
   Enhanced, high temperature ACTT power switch
ACTT12X-800CTN WEEN-ACTT12X-800CTN Datasheet
237Kb / 14P
   Enhanced, high temperature ACTT power switch
ACTT10-800CTN WEEN-ACTT10-800CTN Datasheet
237Kb / 14P
   Enhanced, high temperature ACTT power switch
ACTT10B-800CTN WEEN-ACTT10B-800CTN Datasheet
420Kb / 12P
   Enhanced, high temperature ACTT power switch
ACTT16X-800CTN WEEN-ACTT16X-800CTN Datasheet
233Kb / 14P
   Enhanced, high temperature ACTT power switch
ACTT10X-800CTN WEEN-ACTT10X-800CTN Datasheet
265Kb / 14P
   Enhanced, high temperature ACTT power switch
ACTT2W-800ETN WEEN-ACTT2W-800ETN Datasheet
225Kb / 14P
   Enhanced, high temperature ACTT power switch
ACTT12B-800CTN WEEN-ACTT12B-800CTN Datasheet
268Kb / 14P
   Enhanced and high temperature ACTT power switch
ACTT16-800CTN WEEN-ACTT16-800CTN Datasheet
204Kb / 14P
   Enhanced and high temperature ACTT power switch
ACTT8B-800CTN WEEN-ACTT8B-800CTN Datasheet
281Kb / 15P
   Enhanced and high temperature ACTT power switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com