Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTT2X-800ETN Datasheet(PDF) 2 Page - WeEn Semiconductors

Part # ACTT2X-800ETN
Description  Enhanced, high temperature ACTT power switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

ACTT2X-800ETN Datasheet(HTML) 2 Page - WeEn Semiconductors

  ACTT2X-800ETN Datasheet HTML 1Page - WeEn Semiconductors ACTT2X-800ETN Datasheet HTML 2Page - WeEn Semiconductors ACTT2X-800ETN Datasheet HTML 3Page - WeEn Semiconductors ACTT2X-800ETN Datasheet HTML 4Page - WeEn Semiconductors ACTT2X-800ETN Datasheet HTML 5Page - WeEn Semiconductors ACTT2X-800ETN Datasheet HTML 6Page - WeEn Semiconductors ACTT2X-800ETN Datasheet HTML 7Page - WeEn Semiconductors ACTT2X-800ETN Datasheet HTML 8Page - WeEn Semiconductors ACTT2X-800ETN Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
WeEn Semiconductors
ACTT2X-800ETN
Enhanced, high temperature ACTT power switch
ACTT2X-800ETN
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
6 September 2018
2 / 14
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
full sine wave; Tj(init) = 25 °C;
tp = 20 ms; Fig. 4; Fig. 5
-
-
18
A
ITSM
non-repetitive peak on-
state current
full sine wave; Tj(init) = 25 °C;
tp = 16.7 ms
-
-
20
A
Tj
junction temperature
-
-
150
°C
VPP
peak pulse voltage
Tj = 25 °C; non-repetitive, off-state;
Fig. 6
-
-
2
kV
Static characteristics
VD = 12 V; IT = 100 mA; LD+ G+;
Tj = 25 °C; Fig. 8
-
-
10
mA
VD = 12 V; IT = 100 mA; LD+ G-;
Tj = 25 °C; Fig. 8
-
-
10
mA
IGT
gate trigger current
VD = 12 V; IT = 100 mA; LD- G-;
Tj = 25 °C; Fig. 8
-
-
10
mA
IH
holding current
VD = 12 V; Tj = 25 °C; Fig. 10
-
-
10
mA
VT
on-state voltage
IT = 3 A; Tj = 25 °C; Fig. 11
-
-
2
V
VCL
clamping voltage
ICL = 0.1 mA; tp = 1 ms; Tj = 25 °C
850
-
-
V
Dynamic characteristics
VDM = 536 V; Tj = 125 °C; (VDM = 67%
of VDRM); exponential waveform; gate
open circuit
500
-
-
V/µs
dVD/dt
rate of rise of off-state
voltage
VDM = 536 V; Tj = 150 °C; exponential
waveform; gate open circuit
200
-
-
V/µs
VD = 400 V; Tj = 150 °C; IT(RMS) = 2 A;
dVcom/dt = 20 V/µs; gate open circuit;
snubberless condition
1
-
-
A/ms
VD = 400 V; Tj = 150 °C; IT(RMS) = 2 A;
dVcom/dt = 10 V/µs; gate open circuit
1.5
-
-
A/ms
dIcom/dt
rate of change of
commutating current
VD = 400 V; Tj = 150 °C; IT(RMS) = 2 A;
dVcom/dt = 1 V/µs; gate open circuit
3
-
-
A/ms


Similar Part No. - ACTT2X-800ETN

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
ACTT2X-800E WEEN-ACTT2X-800E Datasheet
239Kb / 13P
AC Thyristor Triac power switch
More results

Similar Description - ACTT2X-800ETN

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
ACTT2S-800ETN WEEN-ACTT2S-800ETN Datasheet
409Kb / 12P
Enhanced, high temperature ACTT power switch
ACTT2W-800ETN WEEN-ACTT2W-800ETN Datasheet
225Kb / 14P
Enhanced, high temperature ACTT power switch
ACTT8B-800CTN WEEN-ACTT8B-800CTN Datasheet
281Kb / 15P
Enhanced and high temperature ACTT power switch
ACTT10-800CTN WEEN-ACTT10-800CTN Datasheet
237Kb / 14P
Enhanced, high temperature ACTT power switch
ACTT10B-800CTN WEEN-ACTT10B-800CTN Datasheet
420Kb / 12P
Enhanced, high temperature ACTT power switch
ACTT10X-800CTN WEEN-ACTT10X-800CTN Datasheet
265Kb / 14P
Enhanced, high temperature ACTT power switch
ACTT12B-800CTN WEEN-ACTT12B-800CTN Datasheet
268Kb / 14P
Enhanced and high temperature ACTT power switch
ACTT12X-800CTN WEEN-ACTT12X-800CTN Datasheet
237Kb / 14P
Enhanced, high temperature ACTT power switch
ACTT16-800CTN WEEN-ACTT16-800CTN Datasheet
204Kb / 14P
Enhanced and high temperature ACTT power switch
ACTT16X-800CTN WEEN-ACTT16X-800CTN Datasheet
233Kb / 14P
Enhanced, high temperature ACTT power switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com