Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTT2X-800ETN Datasheet(PDF) 6 Page - WeEn Semiconductors

Part # ACTT2X-800ETN
Description  Enhanced, high temperature ACTT power switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

ACTT2X-800ETN Datasheet(HTML) 6 Page - WeEn Semiconductors

Back Button ACTT2X-800ETN Datasheet HTML 2Page - WeEn Semiconductors ACTT2X-800ETN Datasheet HTML 3Page - WeEn Semiconductors ACTT2X-800ETN Datasheet HTML 4Page - WeEn Semiconductors ACTT2X-800ETN Datasheet HTML 5Page - WeEn Semiconductors ACTT2X-800ETN Datasheet HTML 6Page - WeEn Semiconductors ACTT2X-800ETN Datasheet HTML 7Page - WeEn Semiconductors ACTT2X-800ETN Datasheet HTML 8Page - WeEn Semiconductors ACTT2X-800ETN Datasheet HTML 9Page - WeEn Semiconductors ACTT2X-800ETN Datasheet HTML 10Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
WeEn Semiconductors
ACTT2X-800ETN
Enhanced, high temperature ACTT power switch
ACTT2X-800ETN
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
6 September 2018
6 / 14
10-5
10-4
10-3
10-2
10-1
10
102
103
tp (s)
ITSM
(A)
IT
Tj(init) = 25 °C max
ITSM
T
t
aaf251-005
(1)
tp ≤ 20 ms
(1) dIT/dt limit
Fig. 5. Non-repetitive peak on-state current as a function of pulse width; maximum values
L
R
220
RG
DUT
Load Model
2
RGen
AC Mains
Filtering Unit
IEC 61000-4-5 Standards
Surge Generator
13
2 H
003aal147
Fig. 6. Test circuit for inductive and resistive loads with conditions equivalent to IEC 61000-4-5


Similar Part No. - ACTT2X-800ETN

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
ACTT2X-800E WEEN-ACTT2X-800E Datasheet
239Kb / 13P
AC Thyristor Triac power switch
More results

Similar Description - ACTT2X-800ETN

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
ACTT2S-800ETN WEEN-ACTT2S-800ETN Datasheet
409Kb / 12P
Enhanced, high temperature ACTT power switch
ACTT12X-800CTN WEEN-ACTT12X-800CTN Datasheet
237Kb / 14P
Enhanced, high temperature ACTT power switch
ACTT10-800CTN WEEN-ACTT10-800CTN Datasheet
237Kb / 14P
Enhanced, high temperature ACTT power switch
ACTT10B-800CTN WEEN-ACTT10B-800CTN Datasheet
420Kb / 12P
Enhanced, high temperature ACTT power switch
ACTT16X-800CTN WEEN-ACTT16X-800CTN Datasheet
233Kb / 14P
Enhanced, high temperature ACTT power switch
ACTT10X-800CTN WEEN-ACTT10X-800CTN Datasheet
265Kb / 14P
Enhanced, high temperature ACTT power switch
ACTT2W-800ETN WEEN-ACTT2W-800ETN Datasheet
225Kb / 14P
Enhanced, high temperature ACTT power switch
ACTT12B-800CTN WEEN-ACTT12B-800CTN Datasheet
268Kb / 14P
Enhanced and high temperature ACTT power switch
ACTT16-800CTN WEEN-ACTT16-800CTN Datasheet
204Kb / 14P
Enhanced and high temperature ACTT power switch
ACTT8B-800CTN WEEN-ACTT8B-800CTN Datasheet
281Kb / 15P
Enhanced and high temperature ACTT power switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com