Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTT6X-800CN Datasheet(PDF) 9 Page - WeEn Semiconductors

Part # ACTT6X-800CN
Description  Enhanced ACTT power switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

ACTT6X-800CN Datasheet(HTML) 9 Page - WeEn Semiconductors

Back Button ACTT6X-800CN Datasheet HTML 5Page - WeEn Semiconductors ACTT6X-800CN Datasheet HTML 6Page - WeEn Semiconductors ACTT6X-800CN Datasheet HTML 7Page - WeEn Semiconductors ACTT6X-800CN Datasheet HTML 8Page - WeEn Semiconductors ACTT6X-800CN Datasheet HTML 9Page - WeEn Semiconductors ACTT6X-800CN Datasheet HTML 10Page - WeEn Semiconductors ACTT6X-800CN Datasheet HTML 11Page - WeEn Semiconductors ACTT6X-800CN Datasheet HTML 12Page - WeEn Semiconductors ACTT6X-800CN Datasheet HTML 13Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
WeEn Semiconductors
ACTT6X-800CN
Enhanced ACTT power switch
ACTT6X-800CN
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
7 September 2018
9 / 14
Tj (°C)
-50
150
100
0
50
1
2
3
0
(1)
(2)
IGT
IGT(25°C)
aaa-016697
(3)
(1) T2- G-
(2) T2+ G-
(3) T2+ G+
Fig. 8. Normalized gate trigger current as a function of
junction temperature
Tj (°C)
-50
150
100
0
50
1
2
3
0
IL
IL(25°C)
aaa-016698
Fig. 9. Normalized latching current as a function of
junction temperature
Tj (°C)
-50
150
100
0
50
1
2
3
0
IH
IH(25°C)
aaa-016699
Fig. 10. Normalized holding current as a function of
junction temperature
aaa-016700
VT (V)
0
3
2
1
8
12
4
16
20
IT
(A)
0
(1)
(2)
(3)
Vo = 1.239 V; Rs = 0.037 Ω
(1) Tj = 125 °C; typical values
(2) Tj = 125 °C; maximum values
(3) Tj = 25 °C; maximum values
Fig. 11. On-state current as a function of on-state
voltage


Similar Part No. - ACTT6X-800CN

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
ACTT6X-800E WEEN-ACTT6X-800E Datasheet
244Kb / 14P
   AC Thyristor Triac power switch
More results

Similar Description - ACTT6X-800CN

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
ACTT6-800CN WEEN-ACTT6-800CN Datasheet
205Kb / 14P
   Enhanced ACTT power switch
ACTT6B-800CN WEEN-ACTT6B-800CN Datasheet
270Kb / 14P
   Enhanced ACTT power switch
ACTT2S-800ETN WEEN-ACTT2S-800ETN Datasheet
409Kb / 12P
   Enhanced, high temperature ACTT power switch
ACTT12X-800CTN WEEN-ACTT12X-800CTN Datasheet
237Kb / 14P
   Enhanced, high temperature ACTT power switch
ACTT10-800CTN WEEN-ACTT10-800CTN Datasheet
237Kb / 14P
   Enhanced, high temperature ACTT power switch
ACTT10B-800CTN WEEN-ACTT10B-800CTN Datasheet
420Kb / 12P
   Enhanced, high temperature ACTT power switch
ACTT16X-800CTN WEEN-ACTT16X-800CTN Datasheet
233Kb / 14P
   Enhanced, high temperature ACTT power switch
ACTT10X-800CTN WEEN-ACTT10X-800CTN Datasheet
265Kb / 14P
   Enhanced, high temperature ACTT power switch
ACTT2W-800ETN WEEN-ACTT2W-800ETN Datasheet
225Kb / 14P
   Enhanced, high temperature ACTT power switch
ACTT2X-800ETN WEEN-ACTT2X-800ETN Datasheet
262Kb / 14P
   Enhanced, high temperature ACTT power switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com