Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTT8B-800CTN Datasheet(PDF) 5 Page - WeEn Semiconductors

Part # ACTT8B-800CTN
Description  Enhanced and high temperature ACTT power switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

ACTT8B-800CTN Datasheet(HTML) 5 Page - WeEn Semiconductors

  ACTT8B-800CTN Datasheet HTML 1Page - WeEn Semiconductors ACTT8B-800CTN Datasheet HTML 2Page - WeEn Semiconductors ACTT8B-800CTN Datasheet HTML 3Page - WeEn Semiconductors ACTT8B-800CTN Datasheet HTML 4Page - WeEn Semiconductors ACTT8B-800CTN Datasheet HTML 5Page - WeEn Semiconductors ACTT8B-800CTN Datasheet HTML 6Page - WeEn Semiconductors ACTT8B-800CTN Datasheet HTML 7Page - WeEn Semiconductors ACTT8B-800CTN Datasheet HTML 8Page - WeEn Semiconductors ACTT8B-800CTN Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
WeEn Semiconductors
ACTT8B-800CTN
Enhanced and high temperature ACTT power switch
ACTT8B-800CTN
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
13 August 2018
5 / 15
aaa-017662
4
6
2
8
10
Ptot
(W)
0
IT(RMS) (A)
0
10
8
4
6
2
120°
90°
60°
30°
α = 180°
conduction
angle, α
(degrees)
form
factor
a
30
60
90
120
180
2.816
1.967
1.570
1.329
1.110
α
α
150
146
142
138
134
130
Tmb(max)
(°C)
α = conduction angle
a = form factor = IT(RMS) / IT(AV)
Fig. 3. Total power dissipation as a function of RMS on-state current; maximum values
aaa-017663
40
60
20
80
100
ITSM
(A)
0
number of cycles (n)
1
103
102
10
ITSM
t
IT
Tj(init) = 25 °C max
1/f
f = 50 Hz
Fig. 4. Non-repetitive peak on-state current as a function of the number of sinusoidal current cycles; maximum
values


Similar Part No. - ACTT8B-800CTN

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
ACTT8B-800C0 WEEN-ACTT8B-800C0 Datasheet
498Kb / 13P
AC Thyristor Triac power switch
ACTT8B-800C0T WEEN-ACTT8B-800C0T Datasheet
270Kb / 14P
AC Thyristor Triac power switch
More results

Similar Description - ACTT8B-800CTN

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
ACTT2S-800ETN WEEN-ACTT2S-800ETN Datasheet
409Kb / 12P
Enhanced, high temperature ACTT power switch
ACTT8-800CTN WEEN-ACTT8-800CTN Datasheet
203Kb / 14P
Enhanced and high temperature ACTT power switch
ACTT8X-800CTN WEEN-ACTT8X-800CTN Datasheet
236Kb / 14P
Enhanced and high temperature ACTT power switch
ACTT10-800CTN WEEN-ACTT10-800CTN Datasheet
237Kb / 14P
Enhanced, high temperature ACTT power switch
ACTT10B-800CTN WEEN-ACTT10B-800CTN Datasheet
420Kb / 12P
Enhanced, high temperature ACTT power switch
ACTT12-800CTN WEEN-ACTT12-800CTN Datasheet
203Kb / 14P
Enhanced and high temperature ACTT power switch
ACTT12B-800CTN WEEN-ACTT12B-800CTN Datasheet
268Kb / 14P
Enhanced and high temperature ACTT power switch
ACTT12X-800CTN WEEN-ACTT12X-800CTN Datasheet
237Kb / 14P
Enhanced, high temperature ACTT power switch
ACTT16-800CTN WEEN-ACTT16-800CTN Datasheet
204Kb / 14P
Enhanced and high temperature ACTT power switch
ACTT16B-800CTN WEEN-ACTT16B-800CTN Datasheet
268Kb / 13P
Enhanced and high temperature ACTT power switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com