Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTT12X-800CTN Datasheet(PDF) 10 Page - WeEn Semiconductors

Part # ACTT12X-800CTN
Description  Enhanced, high temperature ACTT power switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

ACTT12X-800CTN Datasheet(HTML) 10 Page - WeEn Semiconductors

Back Button ACTT12X-800CTN Datasheet HTML 6Page - WeEn Semiconductors ACTT12X-800CTN Datasheet HTML 7Page - WeEn Semiconductors ACTT12X-800CTN Datasheet HTML 8Page - WeEn Semiconductors ACTT12X-800CTN Datasheet HTML 9Page - WeEn Semiconductors ACTT12X-800CTN Datasheet HTML 10Page - WeEn Semiconductors ACTT12X-800CTN Datasheet HTML 11Page - WeEn Semiconductors ACTT12X-800CTN Datasheet HTML 12Page - WeEn Semiconductors ACTT12X-800CTN Datasheet HTML 13Page - WeEn Semiconductors ACTT12X-800CTN Datasheet HTML 14Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
WeEn Semiconductors
ACTT12X-800CTN
Enhanced, high temperature ACTT power switch
ACTT12X-800CTN
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
5 September 2018
10 / 14
0.8
1.2
1.6
0.4
Tj (°C)
-50
150
100
0
50
VGT
VGT(25°C)
aaa-014113
Fig. 12. Normalized gate trigger voltage as a function of junction temperature


Similar Part No. - ACTT12X-800CTN

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ACTT12X-800CTN ISC-ACTT12X-800CTN Datasheet
171Kb / 1P
   isc Thyristors
More results

Similar Description - ACTT12X-800CTN

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
ACTT2S-800ETN WEEN-ACTT2S-800ETN Datasheet
409Kb / 12P
   Enhanced, high temperature ACTT power switch
ACTT10-800CTN WEEN-ACTT10-800CTN Datasheet
237Kb / 14P
   Enhanced, high temperature ACTT power switch
ACTT10B-800CTN WEEN-ACTT10B-800CTN Datasheet
420Kb / 12P
   Enhanced, high temperature ACTT power switch
ACTT16X-800CTN WEEN-ACTT16X-800CTN Datasheet
233Kb / 14P
   Enhanced, high temperature ACTT power switch
ACTT10X-800CTN WEEN-ACTT10X-800CTN Datasheet
265Kb / 14P
   Enhanced, high temperature ACTT power switch
ACTT2W-800ETN WEEN-ACTT2W-800ETN Datasheet
225Kb / 14P
   Enhanced, high temperature ACTT power switch
ACTT2X-800ETN WEEN-ACTT2X-800ETN Datasheet
262Kb / 14P
   Enhanced, high temperature ACTT power switch
ACTT12B-800CTN WEEN-ACTT12B-800CTN Datasheet
268Kb / 14P
   Enhanced and high temperature ACTT power switch
ACTT16-800CTN WEEN-ACTT16-800CTN Datasheet
204Kb / 14P
   Enhanced and high temperature ACTT power switch
ACTT8B-800CTN WEEN-ACTT8B-800CTN Datasheet
281Kb / 15P
   Enhanced and high temperature ACTT power switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com