Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTT12X-800CTN Datasheet(PDF) 8 Page - WeEn Semiconductors

Part # ACTT12X-800CTN
Description  Enhanced, high temperature ACTT power switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

ACTT12X-800CTN Datasheet(HTML) 8 Page - WeEn Semiconductors

Back Button ACTT12X-800CTN Datasheet HTML 4Page - WeEn Semiconductors ACTT12X-800CTN Datasheet HTML 5Page - WeEn Semiconductors ACTT12X-800CTN Datasheet HTML 6Page - WeEn Semiconductors ACTT12X-800CTN Datasheet HTML 7Page - WeEn Semiconductors ACTT12X-800CTN Datasheet HTML 8Page - WeEn Semiconductors ACTT12X-800CTN Datasheet HTML 9Page - WeEn Semiconductors ACTT12X-800CTN Datasheet HTML 10Page - WeEn Semiconductors ACTT12X-800CTN Datasheet HTML 11Page - WeEn Semiconductors ACTT12X-800CTN Datasheet HTML 12Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
WeEn Semiconductors
ACTT12X-800CTN
Enhanced, high temperature ACTT power switch
ACTT12X-800CTN
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
5 September 2018
8 / 14
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
VD = 12 V; IT = 100 mA; LD+ G+;
Tj = 25 °C; Fig. 8
5
-
35
mA
VD = 12 V; IT = 100 mA; LD+ G-;
Tj = 25 °C; Fig. 8
5
-
35
mA
IGT
gate trigger current
VD = 12 V; IT = 100 mA; LD- G-;
Tj = 25 °C; Fig. 8
5
-
35
mA
VD = 12 V; IG = 100 mA; LD+ G+;
Tj = 25 °C; Fig. 9
-
-
40
mA
VD = 12 V; IG = 100 mA; LD+ G-;
Tj = 25 °C; Fig. 9
-
-
60
mA
IL
latching current
VD = 12 V; IG = 100 mA; LD- G-;
Tj = 25 °C; Fig. 9
-
-
40
mA
IH
holding current
VD = 12 V; Tj = 25 °C; Fig. 10
-
-
30
mA
VT
on-state voltage
IT = 17 A; Tj = 25 °C; Fig. 11
-
-
1.5
V
VD = 12 V; IT = 100 mA; Tj = 25 °C;
Fig. 12
-
0.8
1
V
VGT
gate trigger voltage
VD = 400 V; IT = 100 mA; Tj = 150 °C;
Fig. 12
0.2
0.45
-
V
VD = 800 V; Tj = 25 °C
-
-
10
µA
ID
off-state current
VD = 800 V; Tj = 150 °C
-
-
2
mA
VCL
clamping voltage
ICL = 0.1 mA; tp = 1 ms; Tj = 25 °C
850
-
-
V
Dynamic characteristics
VDM = 536 V; Tj = 125 °C; (VDM = 67%
of VDRM); exponential waveform; gate
open circuit
4000
-
-
V/µs
dVD/dt
rate of rise of off-state
voltage
VDM = 536 V; Tj = 150 °C; exponential
waveform; gate open circuit
2000
-
-
V/µs
VD = 400 V; Tj = 150 °C; IT(RMS) = 12 A;
dVcom/dt = 20 V/µs; gate open circuit;
snubberless condition
12
-
-
A/ms
VD = 400 V; Tj = 150 °C; IT(RMS) = 12 A;
dVcom/dt = 10 V/µs; gate open circuit
15
-
-
A/ms
dIcom/dt
rate of change of
commutating current
VD = 400 V; Tj = 150 °C; IT(RMS) = 12 A;
dVcom/dt = 1 V/µs; gate open circuit
20
-
-
A/ms


Similar Part No. - ACTT12X-800CTN

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ACTT12X-800CTN ISC-ACTT12X-800CTN Datasheet
171Kb / 1P
   isc Thyristors
More results

Similar Description - ACTT12X-800CTN

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
ACTT2S-800ETN WEEN-ACTT2S-800ETN Datasheet
409Kb / 12P
   Enhanced, high temperature ACTT power switch
ACTT10-800CTN WEEN-ACTT10-800CTN Datasheet
237Kb / 14P
   Enhanced, high temperature ACTT power switch
ACTT10B-800CTN WEEN-ACTT10B-800CTN Datasheet
420Kb / 12P
   Enhanced, high temperature ACTT power switch
ACTT16X-800CTN WEEN-ACTT16X-800CTN Datasheet
233Kb / 14P
   Enhanced, high temperature ACTT power switch
ACTT10X-800CTN WEEN-ACTT10X-800CTN Datasheet
265Kb / 14P
   Enhanced, high temperature ACTT power switch
ACTT2W-800ETN WEEN-ACTT2W-800ETN Datasheet
225Kb / 14P
   Enhanced, high temperature ACTT power switch
ACTT2X-800ETN WEEN-ACTT2X-800ETN Datasheet
262Kb / 14P
   Enhanced, high temperature ACTT power switch
ACTT12B-800CTN WEEN-ACTT12B-800CTN Datasheet
268Kb / 14P
   Enhanced and high temperature ACTT power switch
ACTT16-800CTN WEEN-ACTT16-800CTN Datasheet
204Kb / 14P
   Enhanced and high temperature ACTT power switch
ACTT8B-800CTN WEEN-ACTT8B-800CTN Datasheet
281Kb / 15P
   Enhanced and high temperature ACTT power switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com