Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR720RBQ6 Datasheet(PDF) 380 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 380 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 376Page - STMicroelectronics STR720RBQ6 Datasheet HTML 377Page - STMicroelectronics STR720RBQ6 Datasheet HTML 378Page - STMicroelectronics STR720RBQ6 Datasheet HTML 379Page - STMicroelectronics STR720RBQ6 Datasheet HTML 380Page - STMicroelectronics STR720RBQ6 Datasheet HTML 381Page - STMicroelectronics STR720RBQ6 Datasheet HTML 382Page - STMicroelectronics STR720RBQ6 Datasheet HTML 383Page - STMicroelectronics STR720RBQ6 Datasheet HTML 384Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 401 page
background image
STR720 - ELECTRICAL CHARACTERISTICS
380/401
28.7 Clock and Timing Characteristics
28.7.1
Internal clock characteristics
Application software controls STR720 internal clocks by configuring RCCU registers and
setting PLL related parameters (see Chapter 13: RESET AND CLOCK CONTROL UNIT
(RCCU) on page 138). The values hereafter reported defines the limit for internal frequencies
that must be respected by clock configuration.
Figure 74. Supply current versus system frequency
Table 93. Internal clock limits
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
fCPU
CPU, AHB and
S-APB clock
frequency
-50
70
MHz
fAPB
A-APB clock
frequency
fCPU / 16
-
fCPU / 2
MHz
fSYS [MHz]
10
20
75
50
25
40
30
50
60
70
0
0
IDD(25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com