Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR720RXH6 Datasheet(PDF) 132 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 128Page - STMicroelectronics STR720RXH6 Datasheet HTML 129Page - STMicroelectronics STR720RXH6 Datasheet HTML 130Page - STMicroelectronics STR720RXH6 Datasheet HTML 131Page - STMicroelectronics STR720RXH6 Datasheet HTML 132Page - STMicroelectronics STR720RXH6 Datasheet HTML 133Page - STMicroelectronics STR720RXH6 Datasheet HTML 134Page - STMicroelectronics STR720RXH6 Datasheet HTML 135Page - STMicroelectronics STR720RXH6 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 401 page
background image
STR720 - ATAPI-IDE INTERFACE
132/401
Status (XSTS)
Address Offset: 106h
Reset value:
Bits 8:0 = Reserved. Must be kept at reset value.
Bits 10:9 = DEVTS: Devsel Timing Status.
01 indicates medium speed timing.
Bit 11 = STAS: Signaled Target Abort Status.
Set when the ATAPI-IDE interface signals a transaction abort (ABORT signal)
Bit 12 = RTA: Receive Target Abort.
Set when the ATAPI-IDE interface receives a target abort (MTABORT signal).
Bit 13 = MTAS: Master Abort Status.
Set when the ATAPI-IDE interface generates a master abort.
Bits 15:14 = Reserved. Must be kept at reset value.
Note
Bits 13, 12 and 11 are Read and Clear (rc). The bit may be read, the read having no
effect on the register value. Writing “0” to the bit has no effect; writing “1” will clear the
bit.
Revision ID (REVID)
Address Offset: 108h
Reset value: 01h
Bits 7:0 = Revision Identification Number
15
14
13
12
11
10
9
8
7
6543210
Reserved
MAS
RTA
STAS
Devsel Timing
Status
Reserved
-rc
rc
rc
r
-
7
6
54
32
1
0
Revision Identification Number
r
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com