Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR720RXH6 Datasheet(PDF) 298 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 298 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 294Page - STMicroelectronics STR720RXH6 Datasheet HTML 295Page - STMicroelectronics STR720RXH6 Datasheet HTML 296Page - STMicroelectronics STR720RXH6 Datasheet HTML 297Page - STMicroelectronics STR720RXH6 Datasheet HTML 298Page - STMicroelectronics STR720RXH6 Datasheet HTML 299Page - STMicroelectronics STR720RXH6 Datasheet HTML 300Page - STMicroelectronics STR720RXH6 Datasheet HTML 301Page - STMicroelectronics STR720RXH6 Datasheet HTML 302Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 401 page
background image
STR720 - USB SLAVE INTERFACE (USB)
298/401
Transmission Byte Count n (USB_COUNTn_TX)
Address Offset: [USB_BTABLE] + n*16 + 4
USB local Address: [USB_BTABLE] + n*8 + 2
15
14
13
12
11
10
9876543
21
0
-
COUNTn_TX[9:0]
rw
Bits 15:10
These bits are not used since packet size is limited by USB specifications
to 1023 bytes. Their value is not considered by the USB Peripheral.
Bits 9:0
COUNTn_TX[9:0]. Transmission Byte Count
These bits contain the number of bytes to be transmitted by the endpoint
associated with the USB_EPnR register at the next IN token addressed to
it.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com