Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR720RXH6 Datasheet(PDF) 318 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 318 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 314Page - STMicroelectronics STR720RXH6 Datasheet HTML 315Page - STMicroelectronics STR720RXH6 Datasheet HTML 316Page - STMicroelectronics STR720RXH6 Datasheet HTML 317Page - STMicroelectronics STR720RXH6 Datasheet HTML 318Page - STMicroelectronics STR720RXH6 Datasheet HTML 319Page - STMicroelectronics STR720RXH6 Datasheet HTML 320Page - STMicroelectronics STR720RXH6 Datasheet HTML 321Page - STMicroelectronics STR720RXH6 Datasheet HTML 322Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 401 page
background image
STR720 - EXTENDED FUNCTION TIMER (EFT)
318/401
21.3.5
Forced Compare Mode
In this section the index “i” may represent A or B.
Bits 11:8 of CR1 register and bits 7:0 of CR2 are used (Refer to Section 21.4 for detailed
Register Description).
When the FOLVA bit is set, the OLVLA bit is copied to the OCMPA pin if PWM and OPM are
both cleared. When FOLVB bit is set, the OLVLB bit is copied to the OCMPB pin.
The OLVLi bit has to be toggled in order to toggle the OCMPi pin when it is enabled (OCiE
bit=1).
Note
– When FOLVi is set, no interrupt request is generated.
– Nevertheless the OCFi bit can be set if OCiR = Counter, an interrupt can be generated if
enabled.
– Input capture function works in Forced Compare mode.
21.3.6
One Pulse Mode
One Pulse mode enables the generation of a pulse when an external event occurs. This mode
is selected via the OPM bit in the CR1 register.
The one pulse mode uses the Input Capture A function (trigger event) and the Output
Compare A function.
21.3.6.1 Procedure
To use one pulse mode, select the following in the CR1 register:
– Using the OLVLA bit, select the level to be applied to the OCMPA pin after the pulse.
– Using the OLVLB bit, select the level to be applied to the OCMPA pin during the pulse.
– Select the edge of the active transition on the ICAPA pin with the IEDGA bit.
– Set the OCAE bit, the OCMPA pin is then dedicated to the Output Compare A function.
– Set the OPM bit.
– Select the timer clock (ECKGEN) and the prescaler division factor (CC7-CC0).
Load the OCAR register with the value corresponding to the length of the pulse (see the
formula in next Section 21.3.7.1).
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com