Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR720RXH6 Datasheet(PDF) 377 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 377 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 373Page - STMicroelectronics STR720RXH6 Datasheet HTML 374Page - STMicroelectronics STR720RXH6 Datasheet HTML 375Page - STMicroelectronics STR720RXH6 Datasheet HTML 376Page - STMicroelectronics STR720RXH6 Datasheet HTML 377Page - STMicroelectronics STR720RXH6 Datasheet HTML 378Page - STMicroelectronics STR720RXH6 Datasheet HTML 379Page - STMicroelectronics STR720RXH6 Datasheet HTML 380Page - STMicroelectronics STR720RXH6 Datasheet HTML 381Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 401 page
background image
STR720 - ELECTRICAL CHARACTERISTICS
377/401
28.3.2
Static Latch-Up (LU)
A supply overvoltage (applied to each power supply pin) and a current injection (applied to
each input, output and configurable I/O pin) are performed on each sample. After the test DC
parametric and functional testing is performed. This test conforms to the EIA/JESD 78 IC
latch-up standard.
28.4 Operating conditions
The following values are recommended to meet device functional specification.
1.
For details on operating conditions related to CLK input buffer refer to section 28.7 on page 380.
2.
For details on operating conditions related to PLL refer to section 28.10 on page 387.
3.
For details on operating conditions related to A/D converter refer to section 28.11 on page 389.
Table 89. Electrical sensitivity
Symbol
Parameter
Conditions
JEDEC Level
LU
Static latch-up class
TA=+25°C
A
Table 90. Recommended Operating Conditions
Symbol
Parameter
Value
Unit
Min.
Max
VDD3
3.3V Operating Digital Supply Voltage for the I/O pads.
3.0
3.6
V
VDD
1.8V Operating Digital Supply Voltage for core circuitry.
1.6
2.0
V
VDDRTC
1.8V Operating Digital Supply Voltage for RTC logic.
1.6
VDD
V
VDD3P
3.3V Operating Supply Voltage for CLK input buffer. 1)
3.0
3.6
V
VDDPLL
1.8 V Operating Supply Voltage for internal PLL. 2)
1.6
2.0
V
AVDD
Operating Analog Supply Voltage for A/D Converter. 3)
VDD3 -0.3
VDD3 -0.3
V
fSYS
Operating main clock frequency (core, AHB, S-APB)
-
70
MHz
fAPB
Operating peripheral clock frequency (A-APB)
-
35
MHz
TA
Ambient temperature under bias
–40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com