Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8367 Datasheet(PDF) 105 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 105 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 101Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 102Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 103Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 104Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 105Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 106Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 107Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 108Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 109Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 184 page
background image
Register Descriptions
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
105
Preliminary
5.6.18.1
IRQ Pending (PENDING)—Bits 16–2
This register combines with the other five to represent the pending IRQs for interrupt vector numbers 2
through 81.
•
0 = IRQ pending for this vector number
•
1 = No IRQ pending for this vector number
5.6.18.2
Reserved—Bit 0
This bit is reserved or not implemented. It is read as 1 and cannot be modified by writing.
5.6.19
IRQ Pending 1 Register (IRQP1)
Figure 5-21 IRQ Pending 1 Register (IRQP1)
5.6.19.1
IRQ Pending (PENDING)—Bits 32–17
This register combines with the other five to represent the pending IRQs for interrupt vector numbers 2
through 81.
•
0 = IRQ pending for this vector number
•
1 = No IRQ pending for this vector number
5.6.20
IRQ Pending 2 Register (IRQP2)
Figure 5-22 IRQ Pending 2 Register (IRQP2)
5.6.20.1
IRQ Pending (PENDING)—Bits 48–33
This register combines with the other five to represent the pending IRQs for interrupt vector numbers 2
through 81.
•
0 = IRQ pending for this vector number
•
1 = No IRQ pending for this vector number
$Base + $12
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
PENDING [32:17]
Write
RESET
11111
1111111
1111
Base + $13
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
PENDING [48:33]
Write
RESET
11111
1111111
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com