Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8367 Datasheet(PDF) 145 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 145 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 141Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 142Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 143Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 144Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 145Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 146Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 147Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 148Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 149Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 184 page
background image
DC Electrical Characteristics
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
145
Preliminary
10.2.1
Temperature Sense
Note: Temperature Sensor is NOT available in the 56F8167 device.
Table 10-10. PLL Parameters
Characteristics
Symbol
Min
Typical
Max
Unit
PLL Start-up time
TPS
0.3
0.5
10
ms
Resonator Start-up time
TRS
0.1
0.18
1
ms
Min-Max Period Variation
TPV
120
—
200
ps
Peak-to-Peak Jitter
TPJ
——
175
ps
Bias Current
IBIAS
—1.5
2
mA
Quiescent Current, power-down mode
IPD
—100
150
µA
Table 10-11 Temperature Sense Parametrics
Characteristics
Symbol
Min
Typical
Max
Unit
Slope (Gain)1
m
—
7.762
—
mV/°C
Room Trim Temp. 1, 2
1. Includes the ADC conversion of the analog Temperature Sense voltage.
2. The ADC is not calibrated for the conversion of the Temperature Sensor trim value stored in the Flash Memory at
FMOPT0 and FMOPT1.
TRT
24
26
28
°C
Hot Trim Temp. (Industrial)1,2
THT
122
125
128
°C
Hot Trim Temp. (Automotive)1,2
THT
147
150
153
°C
Output Voltage @
VDDA_ADC = 3.3V, TJ =0°C
1
VTS0
—1.370
—
V
Supply Voltage
VDDA_ADC
3.0
3.3
3.6
V
Supply Current - OFF
IDD-OFF
——
10
µA
Supply Current - ON
IDD-ON
——
250
µA
Accuracy3,1 from -40°C to 150°C
Using VTS = mT + VTS0
3. See Application Note, AN1980, for methods to increase accuracy.
TACC
-6.7
0
6.7
°C
Resolution4, 5,1
4. Assuming a 12-bit range from 0V to 3.3V.
5. Typical resolution calculated using equation,
RES
—0.104
—
°C / bit
RES = (VREFH - VREFLO) X 1
212
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com