Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8367 Datasheet(PDF) 158 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 158 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 154Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 155Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 156Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 157Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 158Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 159Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 160Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 161Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 162Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 184 page
background image
56F8367 Technical Data, Rev. 7.0
158
Freescale Semiconductor
Preliminary
Figure 10-15 Quadrature Decoder Timing
10.13 Serial Communication Interface (SCI) Timing
Figure 10-16 RXD Pulse Width
Figure 10-17 TXD Pulse Width
Table 10-21 SCI Timing1
1. Parameters listed are guaranteed by design.
Characteristic
Symbol
Min
Max
Unit
See Figure
Baud Rate2
2. fMAX is the frequency of operation of the system clock, ZCLK, in MHz, which is 60MHz for the 56F8367 device , and
40MHz for the 56F8167 device.
BR
—
(fMAX/16)
Mbps
—
RXD3 Pulse Width
3. The RXD pin in SCI0 is named RXD0 and the RXD pin in SCI1 is named RXD1.
RXDPW
0.965/BR
1.04/BR
ns
10-16
TXD4 Pulse Width
4. The TXD pin in SCI0 is named TXD0 and the TXD pin in SCI1 is named TXD1.
TXDPW
0.965/BR
1.04/BR
ns
10-17
Phase B
(Input)
PIN
PHL
PHL
Phase A
(Input)
PIN
PHL
PHL
PPH PPH
PPH
PPH
RXDPW
RXD
SCI receive
data pin
(Input)
TXDPW
TXD
SCI receive
data pin
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com