Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86C829B Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TMP86C829B
Description  CMOS 8-Bit Microcontroller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86C829B Datasheet(HTML) 9 Page - Toshiba Semiconductor

  TMP86C829B Datasheet HTML 1Page - Toshiba Semiconductor TMP86C829B Datasheet HTML 2Page - Toshiba Semiconductor TMP86C829B Datasheet HTML 3Page - Toshiba Semiconductor TMP86C829B Datasheet HTML 4Page - Toshiba Semiconductor TMP86C829B Datasheet HTML 5Page - Toshiba Semiconductor TMP86C829B Datasheet HTML 6Page - Toshiba Semiconductor TMP86C829B Datasheet HTML 7Page - Toshiba Semiconductor TMP86C829B Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 8 page
background image
TMP86FM29
2004-03-01
86FM29-174
Electrical Characteristics
Absolute Maximum Ratings (VSS = 0 V)
Parameter
Symbol
Pins
Rating
Unit
VDD
−0.3 to 4.0
Supply voltage
VLCD
V3 pin
−0.3 to 4.0
Input voltage
VIN
−0.3 to VDD + 0.3
Output voltage
VOUT1
−0.3 to VDD + 0.3
V
IOUT1
P3, P6 ports
−1.8
IOUT2
P1, P2, P5, P6, P7 ports
3.2
Output current (Per 1 pin)
IOUT3
P3 ports
30
ΣIOUT2
P1, P2, P5, P6, P7 ports
60
Output current (Total)
ΣIOUT3
P3 ports
80
mA
Power dissipation [Topr
= 85°C]
PD
350
mW
Soldering temperature (Time)
Tsld
260 (10 s)
Storage temperature
Tstg
−55 to 125
Operating temperature
Topr
−40 to 85
°C
Note: The absolute maximum ratings are rated values which must not be exceeded during operation,
even for an instant. Any one of the ratings must not be exceeded. If any absolute maximum rating is
exceeded, a device may break down or its performance may be degraded, causing it to catch fire or
explode resulting in injury to the user. Thus, when designing products which include this device,
ensure that no absolute maximum rating value will ever be exceeded.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com