Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P447NAM Datasheet(PDF) 31 Page - ELAN Microelectronics Corp

Part # EM78P447NAM
Description  8-BIT MICRO-CONTROLLER
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447NAM Datasheet(HTML) 31 Page - ELAN Microelectronics Corp

Back Button EM78P447NAM Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P447NAM Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P447NAM Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P447NAM Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P447NAM Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P447NAM Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P447NAM Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P447NAM Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P447NAM Datasheet HTML 35Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
EM78P447N
OTP ROM
4.11 Residue-Voltage Protection
When battery is replaced, device power (Vdd) is taken off but residue-voltage remains. The
residue-voltage may trips below Vdd minimum, but not to zero. This condition may cause a poor power
on reset. Fig.16 and Fig.17 show how to build the residue-voltage protection circuit.
EM78P447N
/RESET
Vdd
40K
Q1
1N4684
10K
33K
Vdd
Fig. 14 The Residue Voltage Protection Circuit 1
EM78P447N
/RESET
Vdd
Q1
Vdd
40K
R2
R1
Fig. 15 The Residue Voltage Protection Circuit 2
This specification is subject to change without prior notice.
10.21.2004 (V1.0)
31


Similar Part No. - EM78P447NAM

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P447 EMC-EM78P447 Datasheet
1Mb / 55P
   8-BIT MICRO-CONTROLLER
EM78P447S EMC-EM78P447S Datasheet
1Mb / 55P
   8-BIT MICRO-CONTROLLER
EM78P447SA EMC-EM78P447SA Datasheet
1Mb / 55P
   8-BIT MICRO-CONTROLLER
EM78P447SAM EMC-EM78P447SAM Datasheet
1Mb / 55P
   8-BIT MICRO-CONTROLLER
EM78P447SAP EMC-EM78P447SAP Datasheet
1Mb / 55P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P447NAM

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com