Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3205019 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3205019
Description  QTC 1,5
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3205019 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3205019 Datasheet HTML 1Page - PHOENIX CONTACT 3205019 Datasheet HTML 2Page - PHOENIX CONTACT 3205019 Datasheet HTML 3Page - PHOENIX CONTACT 3205019 Datasheet HTML 4Page - PHOENIX CONTACT 3205019 Datasheet HTML 5Page - PHOENIX CONTACT 3205019 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Mar 25, 2010
Extract from the online
catalog
 
QTC 1,5
Order No.: 3205019
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3205019
 
 
Quick connection feed-through terminal block, Type of
connection: Quick connection, Quick connection, Cross section: 0.25
mm² - 1.5 mm², AWG 24 - 16, Width: 5.2 mm, Color: gray, Mounting
type: NS 35/7,5, NS 35/15
 
Commercial data
EAN
4017918932411
Pack
50 pcs.
Customs tariff
85369010
Weight/Piece
0.009163 KG
Catalog page information
Page 218 (CL-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Number of levels
1
Number of connections
2
Color
gray


Similar Part No. - 3205019

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
3205001051 MEDER-3205001051 Datasheet
214Kb / 3P
Reed Relay
3205001151 MEDER-3205001151 Datasheet
194Kb / 3P
Reed Relay
logo
PHOENIX CONTACT
3205020 PHOENIX-3205020 Datasheet
160Kb / 16P
Fast connection terminal block - QTC 1,5 L BU
3205021 PHOENIX-3205021 Datasheet
160Kb / 16P
Fast connection terminal block - QTC 1,5 L BK
3205022 PHOENIX-3205022 Datasheet
144Kb / 6P
QTC 1,5 BU
More results

Similar Description - 3205019

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3205145 PHOENIX-3205145 Datasheet
141Kb / 5P
QTC 1,5-TG
3205035 PHOENIX-3205035 Datasheet
146Kb / 5P
QTC 1,5-PE
3205077 PHOENIX-3205077 Datasheet
162Kb / 5P
QTC 1,5-QUATTRO
3205022 PHOENIX-3205022 Datasheet
144Kb / 6P
QTC 1,5 BU
3205103 PHOENIX-3205103 Datasheet
144Kb / 5P
QTC 1,5-MT
3205048 PHOENIX-3205048 Datasheet
148Kb / 5P
QTC 1,5-TWIN
3205093 PHOENIX-3205093 Datasheet
164Kb / 5P
QTC 1,5-QUATTRO-PE
3205064 PHOENIX-3205064 Datasheet
160Kb / 5P
QTC 1,5-TWIN-PE
3205080 PHOENIX-3205080 Datasheet
163Kb / 5P
QTC 1,5-QUATTRO BU
3205051 PHOENIX-3205051 Datasheet
149Kb / 5P
QTC 1,5-TWIN BU
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com