Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMP-1636A Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HDMP-1636A
Description  Gigabit Ethernet and Fibre Channel SerDes ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1636A Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HDMP-1636A Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDMP-1636A Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDMP-1636A Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDMP-1636A Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-1636A Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-1636A Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-1636A Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-1636A Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-1636A Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
The recovered parallel data is
presented to the user at TTL
compatible outputs. The receiver
section also recovers two receiver
byte clocks which are 180
degrees out of phase with each
other. For Gigabit Ethernet,
these clocks are 62.5 MHz,
whereas for Fibre Channel, they
are 53.125 MHz. The parallel
data is properly aligned with the
rising edge of alternating clocks.
For test purposes, the transceiver
provides for on-chip local loop-
back functionality, controlled
through an external input pin.
Additionally, the byte
synchronization feature may be
disabled. This may be useful in
proprietary applications which
use alternative methods to align
the parallel data.
HDMP-1636A/1646A/
T1636A Block Diagram
The HDMP-1636A/1646A/
T1636A was designed to transmit
and receive 10-bit wide parallel
data over a single high-speed
line. The parallel data applied to
the transmitter is expected to be
8B/10B encoded. In order to
accomplish this task, the HDMP-
1636A/1646A/T1636A
incorporates the following:
• TTL Parallel I/Os
• High Speed Phase Locked
Loops
• Parallel to Serial Converter
• High Speed Serial Clock and
Data Recovery Circuitry
• Comma Character Recognition
Circuitry as per 8B/10B
Specifications
• Byte Alignment Circuitry
• Serial to Parallel Converter
INPUT LATCH
The transmitter accepts 10-bit
wide TTL parallel data at inputs
TX[0..9]. The user-provided
reference clock signal, REFCLK,
is also used as the transmit byte
clock. The TX[0..9] and REFCLK
signals must be properly aligned,
as shown in Figure 3.
TX PLL/CLOCK GENERATOR
The transmitter Phase Locked
Loop and Clock Generator (TX
PLL/CLOCK GENERATOR) block
is responsible for generating all
internal clocks needed by the
transmitter section to perform its
functions. These clocks are based
on the supplied reference byte
clock (REFCLK). REFCLK is
used as both the frequency
reference clock for the PLL and
the transmit byte clock for the
incoming data latches. It is
expected to be properly aligned
to the incoming parallel data (see
Figure 3). This clock is then
multiplied by 10 to generate the
high speed clock necessary for
clocking the high speed serial
outputs.
FRAME MUX
The FRAME MUX accepts the 10-
bit wide parallel data from the
INPUT LATCH. Using internally
generated high speed clocks, this
parallel data is multiplexed into
the high speed serial data stream.
The data bits are transmitted
sequentially, from the least
significant bit (TX[0]) to the
most significant bit (TX[9]).
OUTPUT SELECT
The OUTPUT SELECT block
provides for an optional internal
loopback of the high speed serial
signal for testing purposes.
In normal operation, LOOPEN is
set low and the serial data stream
is placed at +/- DOUT. When
wrap-mode is activated by setting
LOOPEN high, the +/- DOUT
pins are held static at logic 1 and
the serial output signal is
internally wrapped to the INPUT
SELECT box of the receiver
section.
INPUT SELECT
The INPUT SELECT block
determines whether the signal at
+/- DIN or the internal loop-back
serial signal is used. In normal
operation, LOOPEN is set low
and the serial data is accepted at
+/- DIN. When LOOPEN is set
high, the high speed serial signal
is internally looped-back from the
transmitter section to the
receiver section. This feature
allows for loop back testing
exclusive of the transmission
medium.
RX PLL/CLOCK RECOVERY
The RX PLL/CLOCK RECOVERY
block is responsible for frequency
and phase locking onto the
incoming serial data stream and
recovering the bit and byte
clocks. An automatic locking
feature allows the Rx PLL to lock
onto the input data stream
without external PLL training
controls. It does this by
continually frequency locking
onto the reference clock, and
then phase locking onto the input
data stream. An internal signal
detection circuit monitors the
presence of the input, and
invokes the phase detection as
the data stream appears. Once bit
locked, the receiver generates the
high speed sampling clock for the
input sampler, and recovers the


Similar Part No. - HDMP-1636A

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HDMP-1636A BOARDCOM-HDMP-1636A Datasheet
820Kb / 25P
   1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
More results

Similar Description - HDMP-1636A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1687 HP-HDMP-1687 Datasheet
340Kb / 16P
   Four Channel SerDes Circuit for Gigabit Ethernet and Fibre Channel
logo
MRV Communications, Inc...
SFP-G-MMX MRV-SFP-G-MMX Datasheet
43Kb / 1P
   Gigabit Ethernet and Fibre Channel SFPs
logo
Applied Micro Circuits ...
S2070 AMCC-S2070 Datasheet
168Kb / 20P
   FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
   Gigabit Ethernet/Fibre Channel Transceiver
logo
Silicon image
SII2022 SILICONIMAGE-SII2022 Datasheet
997Kb / 2P
   Fibre Channel SerDes
logo
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
   SERDES Gigabit Ethernet Transceiver
logo
Vitesse Semiconductor C...
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
Pericom Semiconductor C...
PI90SD1636A PERICOM-PI90SD1636A Datasheet
559Kb / 15P
   SERDES Gigabit Ethernet Transceiver
logo
Vitesse Semiconductor C...
VSC7139 VITESSE-VSC7139 Datasheet
247Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
NXP Semiconductors
TZA3043 PHILIPS-TZA3043 Datasheet
196Kb / 28P
   Gigabit Ethernet/Fibre Channel transimpedance amplifier
2000 Mar 28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com