Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

112011 Datasheet(PDF) 1 Page - Adels-Contact

Part # 112011
Description  Screwless Connectors Block Connectors 930-00/11
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

112011 Datasheet(HTML) 1 Page - Adels-Contact

  112011 Datasheet HTML 1Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
06/01/2020
Screwless Connectors
Block Connectors
930-00/11
Terminal Block without Release Keyn, 11 pole, Voltage Rating: 450 V,
Current Rating: 24 A, Cross-Section: 2.5 mm²
Order Info
Reference Number (ref. no.)
112011
Applications
Lighting, Electrical Appliances
PU
250
EAN
4028012127405
Type
Type
Terminal Block without Release Keyn
Number of poles
11 pole
Clamping Units per Pole
2
Colour
white
Cross-Section
2.5 mm²
Connection Type
screwless
Technical Data
Voltage Rating
450 V
Current Rating
24 A
Insulating Material
PA 6.6
Contact Material
Brass
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
Stripping Length
8.0-9.0 mm
Internal Core Cross-Section max.
2.5 mm²
External Core Cross-Section min.
0.5 mm²
External Core Cross-Section max.
2.5 mm²
Internal Core Cross-Section min.
0.5 mm²
Type of Conductor Solid External
yes
Type of Conductor Solid Internal
yes
Approbation EN60998
930_935_937_EN60998_20071001_VDE_40022275_web.pdf
Approbation UL
930_935_19880415_19941222_UL_E63492_1-06_Description_web.pdf
Approbation CSA
Schraub_Steck_Schraubenlos_SI_Klemmen_20160429_CSA_70076573_Certificate_web.pdf


Similar Part No. - 112011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1120110022 MOLEX-1120110022 Datasheet
33Kb / 1P
SST PB3 Card, PROFIBUS DP Master/Slave, 1 and 2 Channel, PCI 3.3/ 5V -DLL/LIB - Control
1120115028 MOLEX11-1120115028 Datasheet
1Mb / 6P
Direct-Link PCU-DPIO Profibus-DP Master/Slave 12 Mbps, PCI Express 1x
More results

Similar Description - 112011

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
112002 ADELS-112002 Datasheet
116Kb / 1P
Screwless Connectors Block Connectors 930-00/ 2
06/01/2020
112002B2 ADELS-112002B2 Datasheet
116Kb / 1P
Screwless Connectors Block Connectors 930-00/ 2 printed L N
06/01/2020
112003 ADELS-112003 Datasheet
117Kb / 1P
Screwless Connectors Block Connectors 930-00/ 3
06/01/2020
112005 ADELS-112005 Datasheet
120Kb / 1P
Screwless Connectors Block Connectors 930-00/ 5
06/01/2020
112006 ADELS-112006 Datasheet
120Kb / 1P
Screwless Connectors Block Connectors 930-00/ 6
06/01/2020
112007 ADELS-112007 Datasheet
121Kb / 1P
Screwless Connectors Block Connectors 930-00/ 7
06/01/2020
112009 ADELS-112009 Datasheet
123Kb / 1P
Screwless Connectors Block Connectors 930-00/ 9
06/01/2020
112010 ADELS-112010 Datasheet
125Kb / 1P
Screwless Connectors Block Connectors 930-00/10
06/01/2020
112012 ADELS-112012 Datasheet
124Kb / 1P
Screwless Connectors Block Connectors 930-00/12
06/01/2020
112411 ADELS-112411 Datasheet
126Kb / 1P
Screwless Connectors Block Connectors 930-02/11
06/01/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com