Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2904-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2904-Q1
Description  LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2904-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  LM2904-Q1_V01 Datasheet HTML 1Page - Texas Instruments LM2904-Q1_V01 Datasheet HTML 2Page - Texas Instruments LM2904-Q1_V01 Datasheet HTML 3Page - Texas Instruments LM2904-Q1_V01 Datasheet HTML 4Page - Texas Instruments LM2904-Q1_V01 Datasheet HTML 5Page - Texas Instruments LM2904-Q1_V01 Datasheet HTML 6Page - Texas Instruments LM2904-Q1_V01 Datasheet HTML 7Page - Texas Instruments LM2904-Q1_V01 Datasheet HTML 8Page - Texas Instruments LM2904-Q1_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
1
OUT1
8
V+
2
IN1±
7
OUT2
3
IN1+
6
IN2±
4
5
IN2+
Not to scale
4
LM2904-Q1, LM2904B-Q1
SLOS414H – MAY 2003 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: LM2904-Q1 LM2904B-Q1
Submit Documentation Feedback
Copyright © 2003–2019, Texas Instruments Incorporated
6 Pin Configuration and Functions
D, DDF(1), and PW(1) Packages
8-Pin SOIC, SOT23-8, and TSSOP
Top View
(1)
Package is preview only.
(1)
For a listing of which devices are available in what packages, see the Device Comparison Table section.
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOIC, SOT23-8, and TSSOP(1)
IN1–
2
I
Negative input
IN1+
3
I
Positive input
IN2–
6
I
Negative input
IN2+
5
I
Positive input
OUT1
1
O
Output
OUT2
7
O
Output
V–
4
Negative (lowest) supply or ground (for single-supply operation)
V+
8
Positive (highest) supply


Similar Part No. - LM2904-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2904-Q1 TI-LM2904-Q1_V02 Datasheet
2Mb / 37P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2904-Q1 TI-LM2904-Q1_V03 Datasheet
2Mb / 39P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2904-Q1 TI-LM2904-Q1_V04 Datasheet
3Mb / 38P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2904-Q1 TI-LM2904-Q1_V05 Datasheet
3Mb / 39P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
REVISED FEBRUARY 2021
LM2904-Q1 TI-LM2904-Q1_V06 Datasheet
3Mb / 41P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1, and LM2904BA-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
APRIL 2022
More results

Similar Description - LM2904-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2904-Q1 TI-LM2904-Q1_V05 Datasheet
3Mb / 39P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
REVISED FEBRUARY 2021
LM2904-Q1 TI-LM2904-Q1_V04 Datasheet
3Mb / 38P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2904-Q1 TI-LM2904-Q1_V02 Datasheet
2Mb / 37P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2904-Q1 TI-LM2904-Q1_V03 Datasheet
2Mb / 39P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2904-Q1 TI-LM2904-Q1_V06 Datasheet
3Mb / 41P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1, and LM2904BA-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
APRIL 2022
LM2902-Q1 TI-LM2902-Q1_V01 Datasheet
1Mb / 27P
[Old version datasheet]   LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
MAY 2022
LM2902-Q1 TI-LM2902-Q1_V02 Datasheet
1Mb / 32P
[Old version datasheet]   LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
REVISED FEBRUARY 2023
LM2902-Q1 TI1-LM2902-Q1_V03 Datasheet
1Mb / 31P
[Old version datasheet]   LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
REVISED OCTOBER 2023
LM2902LV-Q1 TI-LM2902LV-Q1_V02 Datasheet
2Mb / 38P
[Old version datasheet]   LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
REVISED OCTOBER 2021
LM2902LV-Q1 TI-LM2902LV-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com