Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92195D Datasheet(PDF) 103 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 103 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 99Page - STMicroelectronics ST92195D Datasheet HTML 100Page - STMicroelectronics ST92195D Datasheet HTML 101Page - STMicroelectronics ST92195D Datasheet HTML 102Page - STMicroelectronics ST92195D Datasheet HTML 103Page - STMicroelectronics ST92195D Datasheet HTML 104Page - STMicroelectronics ST92195D Datasheet HTML 105Page - STMicroelectronics ST92195D Datasheet HTML 106Page - STMicroelectronics ST92195D Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 249 page
background image
103/249
ST92195C/D - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
Figure 56. Half-Tone Display Scheme
7.4.4.2 Row Attributes
The header and status row attributes are set using
the HSCR R244 (F4h) Page 32 register. The row
enable bits as set in registers DE0R .. 2 R253
..255 Page 32.
Header Enable
When the display is in line mode, row 0, called the
header, is also usable. It no longer acts as a head-
er but simply as an additional row.
Status Row Enable
The display of the two status rows can be enabled
individually.
Row Enable Bits
1 bit per row, for rows from 1 to 23, in page mode.
Serial Attributes
Serial Mode is selected by resetting the SPM bit in
register DCM1R R251 (FBh) Page 32.
Serial attributes are active until the end of the line
or a superseding serial attribute.
In this display mode, the attribute code and the
character code are in the same memory area (Fig-
ure 57 on page 104).
The attribute takes the place of an alpha charac-
ter, and the OSD displays a space character de-
fined on 1 byte in Serial Mode.
VIDEO PROCESSOR
Contrast
Reduction
Internal Red
Internal Green
Internal Blue
Rout
Gout
Bout
RGB
Switch
ST9 MCU
HT
R G
FB
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com