Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92195D Datasheet(PDF) 246 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 246 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 241Page - STMicroelectronics ST92195D Datasheet HTML 242Page - STMicroelectronics ST92195D Datasheet HTML 243Page - STMicroelectronics ST92195D Datasheet HTML 244Page - STMicroelectronics ST92195D Datasheet HTML 245Page - STMicroelectronics ST92195D Datasheet HTML 246Page - STMicroelectronics ST92195D Datasheet HTML 247Page - STMicroelectronics ST92195D Datasheet HTML 248Page - STMicroelectronics ST92195D Datasheet HTML 249Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 246 / 249 page
background image
246/249
ST92E195C/D-ST92T195C/D - GENERAL INFORMATION
3.2 ORDERING INFORMATION
Each device is available for production in a user
programmable version (OTP) as well as in factory
coded version (ROM). OTP devices are shipped to
customer with a default blank content FFh, while
ROM factory coded parts contain the code sent by
customer. The common EPROM versions for de-
bugging and prototyping features the maximum
memory size and peripherals of the family. Care
must be taken to only use resources available on
the target device.
3.2.1 Transfer Of OSD Customer Code
OSD Customer code is made up of the contents of
2 OSD files named xxx.OS0 and xxx.OS1.
Figure 127. OTP User Programmable Device Types
.
Figure 128. EPROM User Programmable Device Types
DEVICE PACKAGE
TEMP.
RANGE
Code name (defined by STMicroelectronics)
1= 0 to +70 °C
B= Plastic DIP56
T= Plastic TQFP64
ST92T195C8
XXX
/
DEVICE PACKAGE
TEMP.
RANGE
0= 25 °C
B= Ceramic DIP 56 pin
T= Ceramic QFP 64 pin
ST92E195C8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com