Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92195C Datasheet(PDF) 105 Page - STMicroelectronics

Part # ST92195C
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C Datasheet(HTML) 105 Page - STMicroelectronics

Back Button ST92195C Datasheet HTML 101Page - STMicroelectronics ST92195C Datasheet HTML 102Page - STMicroelectronics ST92195C Datasheet HTML 103Page - STMicroelectronics ST92195C Datasheet HTML 104Page - STMicroelectronics ST92195C Datasheet HTML 105Page - STMicroelectronics ST92195C Datasheet HTML 106Page - STMicroelectronics ST92195C Datasheet HTML 107Page - STMicroelectronics ST92195C Datasheet HTML 108Page - STMicroelectronics ST92195C Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 249 page
background image
105/249
ST92195C/D - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
Flash: (/= Steady) The next characters are dis-
played with the foreground color alternatively
equal to background and foreground on a period
based on Vsync (32 Vsync: foreground, 16 Vsync:
background) until a Steady serial attribute.
Fringe: If the Fringe Enable bit is set in the global
attribute register DCM0R R250 (FAh) Page 32, the
next characters are displayed with a black fringe
(half dot) until the decoding of another fringe at-
tribute coded 1Bh (toggle effect).
Conceal: (/= Reveal) The next characters are dis-
played as space characters (Background color)
until a foreground color character is encountered.
Conceal mode is set by the conceal enable control
bit in the register DCM0R R250 (FAh) Page 32.
Boxing: A part of the page (where this bit is active)
is inserted in a specific window depending on 3
control bits defined in the FSCCR register. (see
Figure 59 on page 106)
To respect the Teletext Norm, the box in serial
mode, starts when two Box-on attributes are en-
countered, and stops when two Box-offs are en-
countered.
Double Height: The upper halves of the charac-
ters are displayed in the current row, the corre-
sponding lower halves of characters are displayed
(with same display attributes) in the next row (in-
formation received for this row must be ignored).
Note: When a serial double height attribute is de-
coded in Row 23, the characters of the first status
row are not displayed. To avoid this effect, remove
the serial double height attribute from Row 23.
Figure 58. Mosaic Characters
Note: Hold Mosaic: (/= Release) The last mosaic charac-
ter is repeated once instead of the current space charac-
ter.
Contiguous Mosaic
Separated Mosaic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com