Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92195C Datasheet(PDF) 123 Page - STMicroelectronics

Part # ST92195C
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C Datasheet(HTML) 123 Page - STMicroelectronics

Back Button ST92195C Datasheet HTML 119Page - STMicroelectronics ST92195C Datasheet HTML 120Page - STMicroelectronics ST92195C Datasheet HTML 121Page - STMicroelectronics ST92195C Datasheet HTML 122Page - STMicroelectronics ST92195C Datasheet HTML 123Page - STMicroelectronics ST92195C Datasheet HTML 124Page - STMicroelectronics ST92195C Datasheet HTML 125Page - STMicroelectronics ST92195C Datasheet HTML 126Page - STMicroelectronics ST92195C Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 249 page
background image
123/249
ST92195C/D - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
Table 26. Single G0 Mode - Font Mapping
Table 27. National Character Subsets
ROM Address
Character Code
CSS
Font Usage
NC(3:0)
000h to 01Fh
0E0h to 0FFh
1
Extended menu
020h to 07Fh
020h to 07Fh
0
G0 + National Character Subset 0 (96 chars)
0000b
080h to 0FFh
080h to 0FFh
G2 + Menu (128 chars)
100h to 10Ch
(see table below)
National Character Subset 1 (13 chars)
0001b
10Dh to 119h
(see table below)
National Character Subset 2 (13 chars)
0010b
11Ah to 126h
(see table below)
National Character Subset 3 (13 chars)
0011b
127h to 133h
(see table below)
National Character Subset 4 (13 chars)
0100b
134h to 140h
(see table below)
National Character Subset 5 (13 chars)
0101b
141h to 14Dh
(see table below)
National Character Subset 6 (13 chars)
0110b
14Eh to 15Ah
(see table below)
National Character Subset 7 (13 chars)
0111b
15Bh to 167h
(see table below)
National Character Subset 8 (13 chars)
1000b
168h to 174h
(see table below)
National Character Subset 9 (13 chars)
1001b
175h to 181h
(see table below)
National Character Subset 10 (13 chars)
1010b
182h to 18Eh
(see table below)
National Character Subset 11 (13 chars)
1011b
18Fh to 19Bh
(see table below)
National Character Subset 12 (13 chars)
1100b
19Ch to 1A8h
(see table below)
National Character Subset 13 (13 chars)(Free for user)
1101b
1A9h to 1B5h
(see table below)
National Character Subset 14 (13 chars) (Menu chars.)
1110b
1C0h to 1FFh
0A0h to 0DFh
1
Extended menu
23
5C
5B
40
24
5D 5E 5F 60 7B 7C 7D 7E
Estonian
9
Czech/Slovak
3
English
0
French
1
German
4
Italian
6
Lettish/
10
Polish
8
Portugese/
5
Rumanian
7
Serbian/
12
Swedish/
2
Turkish
11
Lithuanian
Spanish
Croatian/
Slovenian
Finnish
Subset No.
Character Code (Hex)
Subset Name
(Decimal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com