Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92195C Datasheet(PDF) 135 Page - STMicroelectronics

Part # ST92195C
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C Datasheet(HTML) 135 Page - STMicroelectronics

Back Button ST92195C Datasheet HTML 131Page - STMicroelectronics ST92195C Datasheet HTML 132Page - STMicroelectronics ST92195C Datasheet HTML 133Page - STMicroelectronics ST92195C Datasheet HTML 134Page - STMicroelectronics ST92195C Datasheet HTML 135Page - STMicroelectronics ST92195C Datasheet HTML 136Page - STMicroelectronics ST92195C Datasheet HTML 137Page - STMicroelectronics ST92195C Datasheet HTML 138Page - STMicroelectronics ST92195C Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 249 page
background image
135/249
ST92195C/D - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
DISPLAY ENABLE 0 CONTROL REGISTER
(DE0R)
R253 -Read/Write
Register Page: 32
Reset Value: 1111 1111 (FFh)
Bits 7:0 = R[8:1]:
Row display enable control bit.
When the “Ri” bit is set (Reset value), the corre-
sponding row (with row in the page, numbered
from 1 to 23) will be displayed. When the “Ri” bit is
reset, the full screen color is displayed.
DISPLAY ENABLE 1 CONTROL REGISTER
(DE1R)
R254 -Read/Write
Register Page: 32
Reset Value: 1111 1111 (FFh)
Bits 7:0 = R[16:9]:
Row display enable control bit.
When the “Ri” bit is set (Reset value), the corre-
sponding row (with row in the page, numbered
from 1 to 23) will be displayed. When the “Ri” bit is
reset, the full screen color is displayed.
DISPLAY ENABLE 2 CONTROL REGISTER
(DE2R)
R255 -Read/Write
Register Page: 32
Reset Value: x111 1111 (xFh)
Bit 7 = Reserved
.
Bits 6:0 = R[23:17]:
Row display enable control
bit. When the “Ri” bit is set (Reset value), the cor-
responding row (with row in the page, numbered
from 1 to 23) will be displayed. When the “Ri” bit is
reset, the full screen color is displayed.
70
R8
R7
R6
R5
R4
R3
R2
R1
70
R16
R15
R14
R13
R12
R11
R10
R9
70
x
R23
R22
R21
R20
R19
R18
R17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com