Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92195C Datasheet(PDF) 161 Page - STMicroelectronics

Part # ST92195C
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C Datasheet(HTML) 161 Page - STMicroelectronics

Back Button ST92195C Datasheet HTML 157Page - STMicroelectronics ST92195C Datasheet HTML 158Page - STMicroelectronics ST92195C Datasheet HTML 159Page - STMicroelectronics ST92195C Datasheet HTML 160Page - STMicroelectronics ST92195C Datasheet HTML 161Page - STMicroelectronics ST92195C Datasheet HTML 162Page - STMicroelectronics ST92195C Datasheet HTML 163Page - STMicroelectronics ST92195C Datasheet HTML 164Page - STMicroelectronics ST92195C Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 249 page
background image
161/249
ST92195C/D - TELETEXT SLICER AND ACQUISITION UNIT
TELETEXT SLICER AND ACQUISITION UNIT (Cont’d)
Hamming 24/18 Correction
On writing, these 24 bits are the data to be Ham-
ming 24/18 checked, where “P” are Hamming bits
and “D” are Data bits.
ACQHD2R
ACQHD1R
ACQHD0R
On reading, the bits are redefined as follows:
ACQHD2R
ACQHD1R
ACQHD0R
Bit 23 = ERR:
Hamming Error.
This bit is set by hardware and cleared by soft-
ware.
0: The 24-bit word is correctly Hamming decoded
(no error or a recoverable error).
1: The result of the Hamming decoding is wrong
(unrecoverable error).
Note: The D[18:1] bits are cleared by hardware
when ERR=1.
Bits 22:16= D[18:12]:
Data
Bits 15:13 = Reserved
Bits 12:8 = D[11:7]:
Mode
Bits 7:6 = Reserved
Bits 5:0 = D[6:1]:
Address
23
16
P6
D18
D17
D16
D15
D14
D13
D12
15
8
P5
D11
D10
D9
D8
D7
D6
D5
70
P4
D4
D3
D2
P3
D1
P2
P1
23
16
ERR
D18
D17
D16
D15
D14
D13
D12
15
8
00
0
D11
D10
D9
D8
D7
70
0
0
D6
D5
D4
D3
D2
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com