Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92195C Datasheet(PDF) 183 Page - STMicroelectronics

Part # ST92195C
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C Datasheet(HTML) 183 Page - STMicroelectronics

Back Button ST92195C Datasheet HTML 179Page - STMicroelectronics ST92195C Datasheet HTML 180Page - STMicroelectronics ST92195C Datasheet HTML 181Page - STMicroelectronics ST92195C Datasheet HTML 182Page - STMicroelectronics ST92195C Datasheet HTML 183Page - STMicroelectronics ST92195C Datasheet HTML 184Page - STMicroelectronics ST92195C Datasheet HTML 185Page - STMicroelectronics ST92195C Datasheet HTML 186Page - STMicroelectronics ST92195C Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 249 page
background image
183/249
ST92195C/D - SERIAL PERIPHERAL INTERFACE (SPI)
SERIAL PERIPHERAL INTERFACE (Cont’d)
Bit 2 = CPHA:
Transmission Clock Phase.
CPHA controls the relationship between the data
on the SDI and SDO pins, and the clock signal on
the SCK pin. The CPHA bit selects the clock edge
used to capture data. It has its greatest impact on
the first bit transmitted (MSB), because it does (or
does not) allow a clock transition before the first
data capture edge. Figure 102 shows the relation-
ship between CPHA, CPOL and SCK, and indi-
cates active clock edges and strobe times.
Bit 1:0 = SPR[1:0]:
SPI Rate.
These two bits select one (of four) baud rates, to
be used as SCK.
Figure 103. SPI Data and Clock Timing
CPOL
CPHA
SCK
(in Figure 102)
0
0
1
1
0
1
0
1
(a)
(b)
(c)
(d)
SPR1 SPR0
Clock
Divider
SCK Frequency
(@ INTCLK = 24MHz)
0
0
1
1
0
1
0
1
8
16
128
256
3000kHz
1500kHz
187.5kHz
93.75kHz
(T = 0.33
µs)
(T = 0.67
µs)
(T = 5.33
µs)
(T = 10.66
µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com